Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4002 Datasheet (PDF) - Frontier Electronics.

SM4002 Datasheet PDF - Frontier Electronics.
Part # SM4002
Download  SM4002 Download
File Size   119.89 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A SURFACE MOUNT SILICON RECTIFIERS

SM4002 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4002 Datasheet PDF - Frontier Electronics.

Part # SM4002
Download  SM4002 Click to download

File Size   119.89 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A SURFACE MOUNT SILICON RECTIFIERS

SM4002 Datasheet (HTML) - Frontier Electronics.


SM4002 Product details

FEATURES
● GLASS PASSIVATED JUNCTION
● IDEAL FOR SURFACE MOUNTED APPLICATIONS
● LOW LEAKAGE CURRENT
● UL 94V-0 FLAME RETARDANT EPOXY MOLDING COMPOUND




Similar Part No. - SM4002

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM4002 RECTRON-SM4002 Datasheet
21Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Bytes
SM4002 BYTES-SM4002 Datasheet
149Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Shanghai Lunsure Electr...
SM4002 CHENYI-SM4002 Datasheet
142Kb / 2P
SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
logo
Dc Components
SM4002 DCCOM-SM4002 Datasheet
358Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Formosa MS
SM4002 FORMOSA-SM4002 Datasheet
65Kb / 2P
Glass passivated type
More results


Similar Description - SM4002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS5817 MICROSEMI-UPS5817 Datasheet
554Kb / 3P
SURFACE MOUNT 1A SCHOTTKY RECTIFIERS
logo
TAITRON Components Inco...
MLL5817 TAITRON-MLL5817 Datasheet
142Kb / 3P
1A Surface Mount Schottky Rectifiers
logo
Frontier Electronics.
DF005S FRONTIER-DF005S Datasheet
121Kb / 2P
1A SURFACE MOUNT BRIDGE RECTIFIERS
DF005S-LFR FRONTIER-DF005S-LFR Datasheet
121Kb / 2P
1A SURFACE MOUNT BRIDGE RECTIFIERS
FFM101M-LFR FRONTIER-FFM101M-LFR Datasheet
126Kb / 2P
1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
RS4933 FRONTIER-RS4933 Datasheet
127Kb / 2P
1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4001-LFR FRONTIER-SM4001-LFR Datasheet
120Kb / 2P
1A SURFACE MOUNT SILICON RECTIFIERS
SM4933 FRONTIER-SM4933 Datasheet
125Kb / 2P
1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
S1DLW TSC-S1DLW Datasheet
196Kb / 4P
1A, 200V - 1000V Surface Mount Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com