Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-3P Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

TO-3P Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # TO-3P
Download  TO-3P Download
File Size   244.38 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Schottky Barrier Rectifiers

TO-3P Datasheet (PDF)

Go To PDF Page Download Datasheet
TO-3P Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # TO-3P
Download  TO-3P Click to download

File Size   244.38 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Schottky Barrier Rectifiers

TO-3P Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd


TO-3P Product details

VOLTAGE RANGE: 30 - 100 V

CURRENT: 40 A



Features

Metal silicon junction, majority carrier conduction.

High current capacity, low forward voltage drop.

Guard ring for over voltage protection.

High surge capacity.

For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications.



Mechanical Data

Position: Any

Case:JEDEC TO-3P,molded plastic body

Terminals:Solderable per MIL-STD-750,

1 1 Method 2026

Polarity: As marked

Weight: 0.223 ounce, 6.3 grams




Similar Part No. - TO-3P

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
TO-3P CDIL-TO-3P Datasheet
109Kb / 3P
Fully Isolated Plastic Package
logo
Shenzhen Luguang Electr...
TO-3P LUGUANG-TO-3P Datasheet
299Kb / 2P
Super Fast Rectifiers
TO-3P LUGUANG-TO-3P Datasheet
1Mb / 2P
Dual Schottky Rectifiers
TO-3P LUGUANG-TO-3P Datasheet
415Kb / 2P
Schottky Barrier Rectifiers
TO-3P LUGUANG-TO-3P Datasheet
239Kb / 2P
Schottky Barrier Rectifiers
More results


Similar Description - TO-3P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com