Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1A Datasheet (PDF) - Frontier Electronics.

US1A Datasheet PDF - Frontier Electronics.
Part # US1A
Download  US1A Download
File Size   131.99 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS

US1A Datasheet (PDF)

Go To PDF Page Download Datasheet
US1A Datasheet PDF - Frontier Electronics.

Part # US1A
Download  US1A Click to download

File Size   131.99 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS

US1A Datasheet (HTML) - Frontier Electronics.


US1A Product details

FEATURES
● FOR SURFACE MOUNTED APPLICATIONS
● LOW PROFILE PACKAGE
● BUILT-IN STRAIN RELIEF
● EASY PICK AND PLACE
● PLASTIC MATERIAL USED CARRIES UNDERWRITERS
   LABORATORY CLASSIFICATION 94 V-0
● ULTRA FAST SWITCHING
● GLASS PASSIVATED CHIP JUNCTION
● HIGH TEMPERATURE SOLDERING 250°C/10 SECONDS AT
   TERMINALS




Similar Part No. - US1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1A PANJIT-US1A Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
US1A PHILIPS-US1A Datasheet
66Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
US1A SURGE-US1A Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1A TRSYS-US1A Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Similar Description - US1A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FFM101M-LFR FRONTIER-FFM101M-LFR Datasheet
126Kb / 2P
1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FSM10-005 FRONTIER-FSM10-005 Datasheet
128Kb / 2P
1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
HFM101M FRONTIER-HFM101M Datasheet
129Kb / 2P
1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
RS1A-LFR FRONTIER-RS1A-LFR Datasheet
128Kb / 2P
1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS4933 FRONTIER-RS4933 Datasheet
127Kb / 2P
1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS4933-LFR FRONTIER-RS4933-LFR Datasheet
127Kb / 2P
1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SFS1A FRONTIER-SFS1A Datasheet
132Kb / 2P
1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
SM4933 FRONTIER-SM4933 Datasheet
125Kb / 2P
1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933-LFR FRONTIER-SM4933-LFR Datasheet
125Kb / 2P
1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
US1A-LFR FRONTIER-US1A-LFR Datasheet
132Kb / 2P
1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com