Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS510 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

SS510 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # SS510
Download  SS510 Download
File Size   395.74 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Surface Mount Schottky Barrier Rectifiers

SS510 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS510 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SS510
Download  SS510 Click to download

File Size   395.74 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Surface Mount Schottky Barrier Rectifiers

SS510 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd


SS510 Product details

REVERSE VOLTAGE: 20 --- 200 V

CURRENT: 5.0 A



Features

◇ Built-in strain relief

◇ Low power loss,high effciency

◇ Plastic package has Underwriters Laborator

     Flammability Classification 94V-0

◇ High temperature soldering guaranteed:250°C/10 seconds at terminals

◇ Low profile package

◇ For surface mounted applications

◇ High current capability,low forward voltage drop

◇ For use in low voltage high frequency inverters,free wheeling and polarity protection applications

◇ Guardring for overvoltage protection

◇ Metal silicon junction, majority carrier conduction

◇ High surge capability




Similar Part No. - SS510

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS510 FRONTIER-SS510 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS510 LUGUANG-SS510 Datasheet
257Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SS510 TAYCHIPST-SS510 Datasheet
9Mb / 2P
SURFACE MOUNT S CHOTTKY BARRIER RECTIFIERS
logo
Gaomi Xinghe Electronic...
SS510 GXELECTRONICS-SS510 Datasheet
360Kb / 2P
SCHOTTKY BARRIER RECTIFLER
logo
Microdiode Semiconducto...
SS510 CHENDA-SS510 Datasheet
360Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
More results


Similar Description - SS510

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com