Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX148_V5 Datasheet (PDF) - Maxim Integrated Products

MAX148_V5 Datasheet PDF - Maxim Integrated Products
Part # MAX148_V5
Download  MAX148_V5 Download
File Size   2122.91 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs

MAX148_V5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX148_V5 Datasheet PDF - Maxim Integrated Products

Part # MAX148_V5
Download  MAX148_V5 Click to download

File Size   2122.91 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs

MAX148_V5 Datasheet (HTML) - Maxim Integrated Products


MAX148_V5 Product details

General Description
The MAX148/MAX149 10-bit data-acquisition systems combine an 8-channel multiplexer, high-bandwidth track/hold, and serial interface with high conversion speed and low power consumption. They operate from a single +2.7V to +5.25V supply, and sample to 133ksps. Both devices’ analog inputs are software configurable for unipolar/bipolar and single-ended/differential operation

Features
♦ 8-Channel Single-Ended or 4-Channel Differential Inputs
♦ Single-Supply Operation: +2.7V to +5.25V
♦ Internal 2.5V Reference (MAX149)
♦ Low Power: 1.2mA (133ksps, 3V Supply) 54µA (1ksps, 3V Supply) 1µA (Power-Down Mode)
♦ SPI/QSPI/MICROWIRE/TMS320-Compatible 4-Wire Serial Interface
♦ Software-Configurable Unipolar or Bipolar Inputs
♦ 20-Pin DIP/SSOP Packages

Applications
    Portable Data Logging
    Data Acquisition
    Medical Instruments
    Battery-Powered Instruments
    Pen Digitizers
    Process Control




Similar Part No. - MAX148_V5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
More results


Similar Description - MAX148_V5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com