Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6381_V5 Datasheet (PDF) - Maxim Integrated Products

MAX6381_V5 Datasheet PDF - Maxim Integrated Products
Part # MAX6381_V5
Download  MAX6381_V5 Download
File Size   327.97 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits

MAX6381_V5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6381_V5 Datasheet PDF - Maxim Integrated Products

Part # MAX6381_V5
Download  MAX6381_V5 Click to download

File Size   327.97 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits

MAX6381_V5 Datasheet (HTML) - Maxim Integrated Products


MAX6381_V5 Product details

General Description

The MAX6381–MAX6390 microprocessor (µP) supervisory circuits monitor power-supply voltages from +1.8V to +5.0V while consuming only 3µA of supply current at +1.8V. Whenever VCC falls below the factory-set reset thresholds, the reset output asserts and remains asserted for a minimum reset timeout period after VCC rises above the reset threshold. Reset thresholds are available from +1.58V to +4.63V, in approximately 100mV increments. Seven minimum reset timeout delays ranging from 1ms to 1200ms are available.



Features

♦ Factory-Set Reset Threshold Voltages Ranging from +1.58V to +4.63V in Approximately 100mV Increments

♦ ±2.5% Reset Threshold Accuracy Over Temperature (-40°C to +125°C)

♦ Seven Reset Timeout Periods Available: 1ms, 20ms, 140ms, 280ms, 560ms, 1120ms, 1200ms (min)

♦ 3 Reset Output Options

   Active-Low Push-Pull

   Active-High Push-Pull

   Active-Low Open-Drain

♦ Reset Output State Guaranteed Valid Down to VCC = 1V

♦ Manual Reset Input (MAX6384/MAX6385/MAX6386)

♦ Auxiliary RESET IN (MAX6387/MAX6388/MAX6389)

♦ VCC Reset Timeout (1120ms or 1200ms)/Manual

          Reset Timeout (140ms or 150ms) (MAX6390)

♦ Negative-Going VCC Transient Immunity

♦ Low Power Consumption of 6µA at +3.6V and 3µA at +1.8V

♦ Pin Compatible with MAX809/MAX810/MAX803/MAX6326/MAX6327/MAX6328/MAX6346/MAX6347/MAX6348, and MAX6711/MAX6712/MAX6713

♦ Tiny 3-Pin/4-Pin SC70 and 6-Pin µDFN Packages



Applications

  Computers

  Controllers

  Intelligent Instruments

  Critical µP and µC

  Power Monitoring

  Portable/Battery

  Powered Equipment

  Dual Voltage Systems



 




Similar Part No. - MAX6381_V5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381LT MAXIM-MAX6381LT Datasheet
231Kb / 13P
SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6381XR MAXIM-MAX6381XR Datasheet
231Kb / 13P
SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6381XS16D1-T MAXIM-MAX6381XS16D1-T Datasheet
195Kb / 11P
SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6381XS16D2-T MAXIM-MAX6381XS16D2-T Datasheet
195Kb / 11P
SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6381XS16D3-T MAXIM-MAX6381XS16D3-T Datasheet
195Kb / 11P
SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
More results


Similar Description - MAX6381_V5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381 MAXIM-MAX6381 Datasheet
195Kb / 11P
SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6736 MAXIM-MAX6736_05 Datasheet
664Kb / 16P
Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
19-2531; Rev 2; 12/05
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6301 MAXIM-MAX6301_10 Datasheet
160Kb / 12P
5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6332_V3 MAXIM-MAX6332_V3 Datasheet
95Kb / 6P
3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Rev 3; 6/12
MAX6412 MAXIM-MAX6412_12 Datasheet
211Kb / 12P
Low-Power, Single/Dual-Voltage μP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6414UK31 MAXIM-MAX6414UK31 Datasheet
211Kb / 12P
Low-Power, Single/Dual-Voltage muP Reset Circuits
Rev 5; 8/12
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com