Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM72F6A Datasheet (PDF) - Motorola, Inc

MCM72F6A Datasheet PDF - Motorola, Inc
Part # MCM72F6A
Download  MCM72F6A Download
File Size   160.0 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 512KB and 1MB Synchronous Fast Static RAM Module

MCM72F6A Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM72F6A Datasheet PDF - Motorola, Inc

Part # MCM72F6A
Download  MCM72F6A Click to download

File Size   160.0 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 512KB and 1MB Synchronous Fast Static RAM Module

MCM72F6A Datasheet (HTML) - Motorola, Inc


MCM72F6A Product details

512KB and 1MB Synchronous Fast Static RAM Module

The MCM72F6A (512KB) is configured as 64K x 72 bits and the MCM72F7A (1MB) is configured as 128K x 72 bits. Both are packaged in a 168–pin dual–in–line memory module DIMM. Each module uses Motorola’s 3.3 V 64K x 18 bit flow–through BurstRAMs.

• Single 3.3 V + 10%, – 5% Power Supply
• Plug and Pin Compatibility with 2MB and 4MB
• Multiple Clock Pins for Reduced Loading
• All Inputs and Outputs are LVTTL Compatible
• Byte Write Capability
• Fast SRAM Access Times: 9/10/12 ns
• Decoupling Capacitors for Each Fast Static RAM
• High Quality Multi–Layer FR4 PWB With Separate Power and Ground Planes
• Amp Connector, Part Number: 390064–4
• 5 V Tolerant on All Pins (Inputs and I/Os)
• 168–Pin DIMM Module




Similar Part No. - MCM72F6A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6DG10 MOTOROLA-MCM72F6DG10 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6DG12 MOTOROLA-MCM72F6DG12 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6DG9 MOTOROLA-MCM72F6DG9 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
More results


Similar Description - MCM72F6A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM36F6 MOTOROLA-MCM36F6 Datasheet
118Kb / 10P
256KB and 512KB Synchronous Fast Static RAM Module
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
1MB and 2MB Synchronous Fast Static RAM Module
MCM4464 MOTOROLA-MCM4464 Datasheet
103Kb / 8P
1MB R4000 Secondary Cache Fast Static RAM Module Set
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM72F10 MOTOROLA-MCM72F10 Datasheet
138Kb / 11P
8MB Synchronous Fast Static RAM Module
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F8 MOTOROLA-MCM72F8 Datasheet
167Kb / 12P
2MB and 4MB Synchronous Fast Static RAM Module
logo
Weida Semiconductor, In...
WCMC1616V9X WEIDA-WCMC1616V9X Datasheet
217Kb / 13P
1Mb x 16 Pseudo Static RAM
logo
Integrated Silicon Solu...
IS61LV632A ISSI-IS61LV632A Datasheet
122Kb / 16P
32K x 32 SYNCHRONOUS FAST STATIC RAM
logo
Cypress Semiconductor
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
512Kb (32K x 16) Static RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com