Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM72FB8ML Datasheet (PDF) - Motorola, Inc

MCM72FB8ML Datasheet PDF - Motorola, Inc
Part # MCM72FB8ML
Download  MCM72FB8ML Download
File Size   252.93 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 256K x 72 Bit Burst RAM Multichip Module

MCM72FB8ML Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM72FB8ML Datasheet PDF - Motorola, Inc

Part # MCM72FB8ML
Download  MCM72FB8ML Click to download

File Size   252.93 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 256K x 72 Bit Burst RAM Multichip Module

MCM72FB8ML Datasheet (HTML) - Motorola, Inc


MCM72FB8ML Product details

256K x 72 Bit BurstRAM Multichip Module
 The 256K x 72 multichip module uses four 4M bit synchronous fast static RAMs designed to provide a burstable, high performance, secondary cache for the PowerPC and other high performance microprocessors. It is organized as 256K words of 72 bits each. This device integrates input registers, an output register (MCM72PB8ML only), a 2–bit address counter, and high speed SRAM onto a single monolithic circuit for reduced parts count in cache data RAM applications. Synchronous design allows precise cycle control with the use of an external clock (K). BiCMOS circuitry reduces the overall power consumption of the integrated functions for greater reliability.
The multichip module operates from a 3.3 V core power supply and all outputs operate on a separate 2.5 V or 3.3 V power supply. All inputs and outputs are JEDEC standard JESD8–5 compatible.

• 3.3 V + 10%, – 5% Core Power Supply, 2.5 V or 3.3 V I/O Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Option for Pipeline or Flow–Through (Speeds Guaranteed When Module is Purchased by Appropriate Part Number)
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Single–Cycle Deselect Timing
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• JEDEC BGA Pin Assignment




Similar Part No. - MCM72FB8ML

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM72F10 MOTOROLA-MCM72F10 Datasheet
138Kb / 11P
8MB Synchronous Fast Static RAM Module
MCM72F10DG12 MOTOROLA-MCM72F10DG12 Datasheet
138Kb / 11P
8MB Synchronous Fast Static RAM Module
MCM72F10DG8 MOTOROLA-MCM72F10DG8 Datasheet
138Kb / 11P
8MB Synchronous Fast Static RAM Module
MCM72F10DG9 MOTOROLA-MCM72F10DG9 Datasheet
138Kb / 11P
8MB Synchronous Fast Static RAM Module
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
More results


Similar Description - MCM72FB8ML

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM32257B MOTOROLA-MCM32257B Datasheet
158Kb / 8P
256K x 32 Bit Fast Static RAM Module
logo
Siemens Semiconductor G...
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
1M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
4M x 72-Bit Dynamic RAM Module
HYM72V1600GS-50- SIEMENS-HYM72V1600GS-50- Datasheet
77Kb / 22P
16M x 72-Bit Dynamic RAM Module
HYM72V1620GS-50- SIEMENS-HYM72V1620GS-50- Datasheet
69Kb / 11P
16M x 72-Bit Dynamic RAM Module
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
4M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
8M x 72-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
8M x 72-Bit Dynamic RAM Module
logo
Hanbit Electronics Co.,...
HMS25632M8B HANBIT-HMS25632M8B Datasheet
232Kb / 9P
SRAM MODULE 1Mbyte (256K x 32-Bit) , 72-Pin
logo
GSI Technology
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
256K x 72 18Mb Sync Burst SRAMs
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com