Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1551574-5 Datasheet (PDF) - Tyco Electronics

1551574-5 Datasheet PDF - Tyco Electronics
Part # 1551574-5
Download  1551574-5 Download
File Size   144.51 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SPRING FINGER H=2,60MM

1551574-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
1551574-5 Datasheet PDF - Tyco Electronics

Part # 1551574-5
Download  1551574-5 Click to download

File Size   144.51 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description SPRING FINGER H=2,60MM

1551574-5 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 1551574-5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1551574-5 TEC-1551574-5 Datasheet
1Mb / 6P
Spring Fingers
More results


Similar Description - 1551574-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1551572-5 MACOM-1551572-5 Datasheet
135Kb / 2P
SPRING FINGER H=1,8
1551573-5 MACOM-1551573-5 Datasheet
132Kb / 2P
SPRING FINGER H=2,15
1551575-5 MACOM-1551575-5 Datasheet
143Kb / 2P
SPRING FINGER H=3.0MM
logo
TE Connectivity Ltd
C-1551572 TEC-C-1551572 Datasheet
248Kb / 2P
SPRING FINGER H=1,8
C-1551574 TEC-C-1551574 Datasheet
246Kb / 2P
SPRING FINGER H=2.60mm
logo
Amphenol Corporation
P-UE86-3G1620-X0X61 AMPHENOL-P-UE86-3G1620-X0X61 Datasheet
311Kb / 4P
OPTIONS AND EMI SPRING FINGER
P-UE86-3G2620-X0X61 AMPHENOL-P-UE86-3G2620-X0X61 Datasheet
927Kb / 4P
AND EMI SPRING FINGER
P-UE86-3G4620-X0X61 AMPHENOL-P-UE86-3G4620-X0X61 Datasheet
661Kb / 5P
OPTIONS AND EMI SPRING FINGER
P-UE86-3G6620-X0X61 AMPHENOL-P-UE86-3G6620-X0X61 Datasheet
750Kb / 5P
OPTIONS AND EMI SPRING FINGER
logo
TE Connectivity Ltd
2339640 TEC-2339640 Datasheet
92Kb / 2P
6.0 HEIGHT SPRING FINGER
Rev. A
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com