Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCSP4825CS Datasheet (PDF) - Crydom Inc.,

MCSP4825CS Datasheet PDF - Crydom Inc.,
Part # MCSP4825CS
Download  MCSP4825CS Download
File Size   1264.69 Kbytes
Page   20 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY

MCSP4825CS Datasheet (PDF)

Go To PDF Page Download Datasheet
MCSP4825CS Datasheet PDF - Crydom Inc.,

Part # MCSP4825CS
Download  MCSP4825CS Click to download

File Size   1264.69 Kbytes
Page   20 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY

MCSP4825CS Datasheet (HTML) - Crydom Inc.,


MCSP4825CS Product details

DPA Series

• 16 Pin DIP SSR
• Ratings to 1A @ 280 VAC
• SCR output
• Voltage or current-control input
• Zero-crossing (resistive loads) output




Similar Part No. - MCSP4825CS

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
MCSP4825CS SENSATA-MCSP4825CS Datasheet
1Mb / 5P
SOFT START/SOFT STOP SOLID STATE RELAY
Rev:07/24/2024
More results


Similar Description - MCSP4825CS

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
logo
BRIGHT LED ELECTRONICS ...
DAP4119 BRIGHT-DAP4119 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Gennum Corporation
2357NQ GENNUM-2357NQ Datasheet
995Kb / 8P
Solid-state technology
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com