Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA06LT1 Datasheet (PDF) - Silicon Laboratories

MMBTA06LT1 Datasheet PDF - Silicon Laboratories
Part # MMBTA06LT1
Download  MMBTA06LT1 Download
File Size   684.43 Kbytes
Page   36 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Evaluation Board Rev 5.0 for the Si2493/57/34/15/04

MMBTA06LT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBTA06LT1 Datasheet PDF - Silicon Laboratories

Part # MMBTA06LT1
Download  MMBTA06LT1 Click to download

File Size   684.43 Kbytes
Page   36 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Evaluation Board Rev 5.0 for the Si2493/57/34/15/04

MMBTA06LT1 Datasheet (HTML) - Silicon Laboratories


MMBTA06LT1 Product details

Description
The global Si2493/57/34/15/04-EVB evaluation board Rev 5.0 provides the system designer an easy way of evaluating the Si2493/57/34/15/04 ISOmodem®. The Si2493/57/34/15/04-EVB consists of a motherboard with a power supply, an RS-232 and USB interface, other ease-of-use features, and a complete removable modem module on a daughter card. (A functional block diagram of the Si2493/57/34/15/04-EVB is shown below.) The Si2493/57/34/15/04 ISOmodem is a complete controller-based modem chipset with an integrated and programmable direct access arrangement (DAA) that meets global telephone line requirements. Available as a combination of one 16-pin small line-side device and one 24-pin or 16-pin systemside device, the Si2493/57/34/15/04 ISOmodem eliminates the need for a separate DSP data pump, modem controller, memories, codec, isolation transformer, relays, opto-isolators, and a 2- to 4-wire hybrid. The Si2493/57/34/15/04 is ideal for embedded modem applications due to its small board area, controller-based architecture, low power consumption, and global compliance. The Si2493/57/34/15/04-EVB provides an RJ-11 jack (for interfacing the Si2493/57/34/15/04-EVB to the phone line), and USB and RS232 serial ports for interfacing to a PC or data terminal. This allows the ISOmodem to operate as a serial modem for straightforward evaluation of the Si2493/57/34/15/04. To evaluate the Si2493/57/34/15/04 ISOmodem in an embedded system, the daughter card can be used independently of or with the motherboard.

Features
The Si2493/57/34/15/04-EVB includes the following:
■ Dual RJ-11 connection to phone line
■ RS-232 and USB interface to PC
■ Speaker for call monitoring
■ Direct access to Si2493/57/34/15/04 for embedded
   application evaluation
■ Easy power connection to common 7.5 V–13.5 V
   power supplies or USB port.
■ 9 V ac adaptor
■ Simple installation and operation
■ EEPROM (24-pin FT only)
■ RS232 lines status display on LEDs.




Similar Part No. - MMBTA06LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA06LT1 MOTOROLA-MMBTA06LT1 Datasheet
82Kb / 4P
Driver Transistors
logo
ON Semiconductor
MMBTA06LT1 ONSEMI-MMBTA06LT1 Datasheet
73Kb / 8P
Driver Transistors(NPN Silicon)
May, 2002 ??Rev. 2
logo
Leshan Radio Company
MMBTA06LT1 LRC-MMBTA06LT1 Datasheet
51Kb / 2P
Driver Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA06LT1 ONSEMI-MMBTA06LT1 Datasheet
109Kb / 5P
Driver Transistors NPN Silicon
October, 2010 ??Rev. 5
MMBTA06LT1G ONSEMI-MMBTA06LT1G Datasheet
109Kb / 5P
Driver Transistors NPN Silicon
October, 2010 ??Rev. 5
More results


Similar Description - MMBTA06LT1

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4368 AKM-AKD4368 Datasheet
628Kb / 39P
Evaluation board Rev.1 for AK4368
AKD4555 AKM-AKD4555 Datasheet
824Kb / 27P
Evaluation board Rev.0 for AK4555
AKD4145-A AKM-AKD4145-A Datasheet
1Mb / 32P
Evaluation board Rev.3 for AK4145
AKD4160-A AKM-AKD4160-A Datasheet
715Kb / 37P
Evaluation board Rev.0 for AK4160
AKD4186-A AKM-AKD4186-A Datasheet
872Kb / 19P
Evaluation board Rev.1 for AK4186
AKD4629-A AKM-AKD4629-A Datasheet
1Mb / 68P
Evaluation board Rev.1 for AK4629
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
Evaluation board Rev.2 for AK4687
AKD4691-A AKM-AKD4691-A Datasheet
1Mb / 68P
Evaluation board Rev.0 for AK4691
AKD5374-A AKM-AKD5374-A Datasheet
1Mb / 28P
Evaluation board Rev.1 for AK5374
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
Evaluation board Rev.2 for AK4141
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com