Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29043 Datasheet (PDF) - Intersil Corporation

ISL29043 Datasheet PDF - Intersil Corporation
Part # ISL29043
Download  ISL29043 Download
File Size   862.22 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output

ISL29043 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29043 Datasheet PDF - Intersil Corporation

Part # ISL29043
Download  ISL29043 Click to download

File Size   862.22 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output

ISL29043 Datasheet (HTML) - Intersil Corporation


ISL29043 Product details

Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output

The ISL29043 is an integrated ambient and infrared light-to-digital converter with a built-in IR LED and I2C Interface (SMBus Compatible). This device uses two independent ADCs for concurrently measuring ambient light and proximity in parallel. The flexible interrupt scheme is designed for minimal microcontroller utilization.
For ambient light sensor (ALS) data conversions, an ADC converts photodiode current (with a light sensitivity range up to 2000 Lux) in 100ms per sample. The ADC rejects 50Hz/60Hz flicker noise caused by artificial light sources.

Features
• Internal LED + Sensor = Complete Solution
• Works Under All Light Sources Including Sunlight
• Dual ADCs Measure ALS/Prox Concurrently
• <1.0μA Supply Current When Powered Down
• Temperature Compensated
• Pb-Free (RoHS compliant)

Intelligent and Flexible Interrupts
• Independent ALS/Prox Interrupt Thresholds
• Adjustable Interrupt Persistency
    - 1/4/8/16 Consecutive Triggers Required Before Interrupt

Applications
• Display and Keypad Dimming Adjustment and Proximity Sensing for:
    - Mobile Devices: Smart Phone, PDA, GPS
    - Computing Devices: Laptop PC, Netbook, Tablet PC
    - Consumer Devices: LCD-TV, Digital Picture Frame, Digital Camera
    - Industrial and Medical Light and Proximity Sensing




Similar Part No. - ISL29043

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29043 INTERSIL-ISL29043 Datasheet
627Kb / 16P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
logo
Renesas Technology Corp
ISL29043 RENESAS-ISL29043 Datasheet
1Mb / 16P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Intersil Corporation
ISL29043IROMZ-EVALZ INTERSIL-ISL29043IROMZ-EVALZ Datasheet
627Kb / 16P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
logo
Renesas Technology Corp
ISL29043IROMZ-EVALZ RENESAS-ISL29043IROMZ-EVALZ Datasheet
1Mb / 16P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Intersil Corporation
ISL29043IROMZ-T7 INTERSIL-ISL29043IROMZ-T7 Datasheet
627Kb / 16P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
More results


Similar Description - ISL29043

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29044 INTERSIL-ISL29044 Datasheet
188Kb / 2P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
October 30, 2012
ISL29044A INTERSIL-ISL29044A Datasheet
112Kb / 2P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 19, 2013
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
Intersil Corporation
ISL29044IROMZ-T7 INTERSIL-ISL29044IROMZ-T7 Datasheet
533Kb / 19P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
October 30, 2012
ISL29043IROMZ-T7 INTERSIL-ISL29043IROMZ-T7 Datasheet
627Kb / 16P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
ISL29044AIROMZ-T7 INTERSIL-ISL29044AIROMZ-T7 Datasheet
610Kb / 19P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 19, 2013
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
Ambient Light, Solar_UV_Index, IR and Proximity Sensor
logo
Renesas Technology Corp
ISL29043 RENESAS-ISL29043 Datasheet
1Mb / 16P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
ISL29044 RENESAS-ISL29044 Datasheet
1Mb / 19P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
ISL29044A RENESAS-ISL29044A Datasheet
1Mb / 19P
Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com