Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-701SDZ Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AFCT-701SDZ Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AFCT-701SDZ
Download  AFCT-701SDZ Download
File Size   463.42 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver

AFCT-701SDZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AFCT-701SDZ Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-701SDZ
Download  AFCT-701SDZ Click to download

File Size   463.42 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver

AFCT-701SDZ Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED




Similar Part No. - AFCT-701SDZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
242Kb / 18P
10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-701SDZ AVAGO-AFCT-701SDZ_15 Datasheet
272Kb / 18P
SFP Transceiver for SMF 10km links
More results


Similar Description - AFCT-701SDZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703SDZ AVAGO-AFBR-703SDZ Datasheet
410Kb / 19P
10Gb Ethernet, 850 nm, 10GBASE-SR,SFP Transceiver
AFBR-703ASDZ AVAGO-AFBR-703ASDZ Datasheet
419Kb / 19P
10Gb Ethernet, 850 nm, 10GBASE-SR, Extended Temperature, SFP Transceiver
AFBR-703SNZ AVAGO-AFBR-703SNZ Datasheet
485Kb / 19P
10Gb Ethernet, 850 nm, 10GBASE-SR, mini-SFP (mSFP) Transceiver
AFBR-708SMZ AVAGO-AFBR-708SMZ Datasheet
495Kb / 18P
10Gb Ethernet, 850 nm, SFP USR, 100m on OM3 MMF Transceiver
AFBR-709ASMZ AVAGO-AFBR-709ASMZ Datasheet
493Kb / 19P
10Gb Ethernet, 850 nm, 10GBASE-SR/SW, SFP Transceiver
AFBR-709SMZ AVAGO-AFBR-709SMZ Datasheet
492Kb / 19P
10Gb Ethernet, 850 nm, 10GBASE-SR/SW, SFP Transceiver
logo
Broadcom Corporation.
AFBR-700SDZ BOARDCOM-AFBR-700SDZ Datasheet
463Kb / 19P
10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
AFBR-703ASDZ BOARDCOM-AFBR-703ASDZ Datasheet
419Kb / 19P
10Gb Ethernet, 850 nm, 10GBASE-SR, Extended Temperature, SFP Transceiver
AFBR-703SDZ BOARDCOM-AFBR-703SDZ Datasheet
410Kb / 19P
10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
AFCT-701SDZ BOARDCOM-AFCT-701SDZ Datasheet
272Kb / 18P
10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com