Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1T363 Datasheet (PDF) - Sony Corporation

1T363 Datasheet PDF - Sony Corporation
Part # 1T363
Download  1T363 Download
File Size   45.15 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Silicon Variable Capacitance Diode

1T363 Datasheet (PDF)

Go To PDF Page Download Datasheet
1T363 Datasheet PDF - Sony Corporation

Part # 1T363
Download  1T363 Click to download

File Size   45.15 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Silicon Variable Capacitance Diode

1T363 Datasheet (HTML) - Sony Corporation


1T363 Product details

Description

The 1T363 is a variable capacitance diode designed for electronic tuning of CATV tuner,and super miniature package allows the tuner miniaturization.



Features

• Super miniature package

• Low series resistance 0.80 Ω Max. (f=470 MHz)

• Large capacitance ratio 15 Typ. (C1/C28)

• Small leakage current 10 nA Max. (VR=28 V)

• Maximum capacitance deviation

   3 % Max.



Applications

  Electronic tuning for TV, CATV



 




Similar Part No. - 1T363

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
1T363A SONY-1T363A Datasheet
57Kb / 5P
Silicon Variable Capacitance Diode
More results


Similar Description - 1T363

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
1T363A SONY-1T363A Datasheet
57Kb / 5P
Silicon Variable Capacitance Diode
1T365 SONY-1T365 Datasheet
47Kb / 4P
Silicon Variable Capacitance Diode
1T369 SONY-1T369 Datasheet
44Kb / 4P
Silicon Variable Capacitance Diode
logo
Leshan Radio Company
BB535 LRC-BB535 Datasheet
83Kb / 3P
Silicon Variable Capacitance Diode
logo
Infineon Technologies A...
BB679 INFINEON-BB679 Datasheet
404Kb / 4P
Silicon Variable Capacitance Diode
Oct-25-2002
BB804 INFINEON-BB804 Datasheet
408Kb / 3P
Silicon Variable Capacitance Diode
Nov-07-2002
BB914 INFINEON-BB914 Datasheet
395Kb / 3P
Silicon Variable Capacitance Diode
Dec-04-2002
BB659E6805 INFINEON-BB659E6805 Datasheet
59Kb / 6P
Silicon Variable Capacitance Diode
2005-10-19
BB439 INFINEON-BB439_07 Datasheet
55Kb / 5P
Silicon Variable Capacitance Diode
2007-04-20
BB640 INFINEON-BB640_07 Datasheet
56Kb / 5P
Silicon Variable Capacitance Diode
2007-04-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com