Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1T368A Datasheet (PDF) - Sony Corporation

1T368A Datasheet PDF - Sony Corporation
Part # 1T368A
Download  1T368A Download
File Size   40.52 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Variable Capacitance Diode

1T368A Datasheet (PDF)

Go To PDF Page Download Datasheet
1T368A Datasheet PDF - Sony Corporation

Part # 1T368A
Download  1T368A Click to download

File Size   40.52 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Variable Capacitance Diode

1T368A Datasheet (HTML) - Sony Corporation


1T368A Product details

Description
The 1T368A is a variable capacitance diode designed for electronic tuning of wide-band CATV tuners using a super miniature package.

Features
• Super miniature package
• Low series resistance: 0.75Ω Max. (f = 470MHz)
• Large capacitance ratio: 11.5 Typ. (C2/C25)
• Small leakage current: 10nA Max. (VR = 28V)
• Capacitance deviation in a matching group: within 2%

Applications
   Electronic tuning of wide-band CATV tuners




Similar Part No. - 1T368A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
1T368 SONY-1T368 Datasheet
44Kb / 4P
Variable Capacitance Diode
More results


Similar Description - 1T368A

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
KV1360NT TOKO-KV1360NT Datasheet
45Kb / 4P
VARIABLE CAPACITANCE DIODE
KV1430 TOKO-KV1430 Datasheet
35Kb / 4P
VARIABLE CAPACITANCE DIODE
KV1440 TOKO-KV1440 Datasheet
35Kb / 4P
VARIABLE CAPACITANCE DIODE
KV1471K TOKO-KV1471K Datasheet
23Kb / 4P
VARIABLE CAPACITANCE DIODE
KV1560NT TOKO-KV1560NT Datasheet
45Kb / 4P
VARIABLE CAPACITANCE DIODE
logo
Sony Corporation
1T399 SONY-1T399 Datasheet
46Kb / 4P
Variable Capacitance Diode
1T404 SONY-1T404 Datasheet
52Kb / 4P
Variable Capacitance Diode
1T411 SONY-1T411 Datasheet
47Kb / 4P
Variable Capacitance Diode
logo
Toshiba Semiconductor
1SV162 TOSHIBA-1SV162 Datasheet
34Kb / 1P
VARIABLE CAPACITANCE DIODE
logo
AUK corp
SDV708Q AUK-SDV708Q_1 Datasheet
174Kb / 3P
Variable Capacitance Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com