Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1T378A Datasheet (PDF) - Sony Corporation

1T378A Datasheet PDF - Sony Corporation
Part # 1T378A
Download  1T378A Download
File Size   49.42 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Silicon Variable Capacitance Diode

1T378A Datasheet (PDF)

Go To PDF Page Download Datasheet
1T378A Datasheet PDF - Sony Corporation

Part # 1T378A
Download  1T378A Click to download

File Size   49.42 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Silicon Variable Capacitance Diode

1T378A Datasheet (HTML) - Sony Corporation


1T378A Product details

Description
The 1T378A is a variable capacitance diode designed for electronic tuning of wide-band CATV tuners, and the super miniature package allows the tuner miniaturization.
High capacitance ratio (C25/C28) is improved to support guard band.

Features
• Super miniature package
• Low series resistance 0.85 Ω Max. (f=470 MHz)
• Large capacitance ratio 12.5 Typ. (C2/C25)
                                         1.03 Min. (C25/C28)
• Small leakage current 10 nA Max. (VR=28 V)
• Capacitance deviation within 2 %

Applications
   Electronic tuning of VHF band and wide-band
   CATV tuners




Similar Part No. - 1T378A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
1T379 SONY-1T379 Datasheet
47Kb / 4P
Silicon Variable Capacitance Diode for Electronic Tuning of BS and CS Tuners
More results


Similar Description - 1T378A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
1T363A SONY-1T363A Datasheet
57Kb / 5P
Silicon Variable Capacitance Diode
1T365 SONY-1T365 Datasheet
47Kb / 4P
Silicon Variable Capacitance Diode
1T369 SONY-1T369 Datasheet
44Kb / 4P
Silicon Variable Capacitance Diode
logo
Leshan Radio Company
BB535 LRC-BB535 Datasheet
83Kb / 3P
Silicon Variable Capacitance Diode
logo
Infineon Technologies A...
BB679 INFINEON-BB679 Datasheet
404Kb / 4P
Silicon Variable Capacitance Diode
Oct-25-2002
BB804 INFINEON-BB804 Datasheet
408Kb / 3P
Silicon Variable Capacitance Diode
Nov-07-2002
BB914 INFINEON-BB914 Datasheet
395Kb / 3P
Silicon Variable Capacitance Diode
Dec-04-2002
BB659E6805 INFINEON-BB659E6805 Datasheet
59Kb / 6P
Silicon Variable Capacitance Diode
2005-10-19
BB439 INFINEON-BB439_07 Datasheet
55Kb / 5P
Silicon Variable Capacitance Diode
2007-04-20
BB640 INFINEON-BB640_07 Datasheet
56Kb / 5P
Silicon Variable Capacitance Diode
2007-04-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com