Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KF4N80F Datasheet (PDF) - MORNSUN Science& Technology Ltd.

KF4N80F Datasheet PDF - MORNSUN Science& Technology Ltd.
Part # KF4N80F
Download  KF4N80F Download
File Size   391.06 Kbytes
Page   6 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.

KF4N80F Datasheet (PDF)

Go To PDF Page Download Datasheet
KF4N80F Datasheet PDF - MORNSUN Science& Technology Ltd.

Part # KF4N80F
Download  KF4N80F Click to download

File Size   391.06 Kbytes
Page   6 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.

KF4N80F Datasheet (HTML) - MORNSUN Science& Technology Ltd.


KF4N80F Product details

General Description
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for active power factor correction and switching mode power supplies.

FEATURES
• VDSS=800V, ID=4A
• Drain-Source ON Resistance :
   RDS(ON)(Max)=2.6Ω @VGS=10V
• Qg(typ.)= 17nC




Similar Part No. - KF4N80F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF4N80F KEC-KF4N80F Datasheet
389Kb / 6P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
KF4N80F VBSEMI-KF4N80F Datasheet
1Mb / 9P
Power MOSFET
logo
KEC(Korea Electronics)
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - KF4N80F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMA3D6N20SA KEC-KMA3D6N20SA_12 Datasheet
705Kb / 5P
This Trench MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
KMD6D0DN40Q KEC-KMD6D0DN40Q Datasheet
378Kb / 5P
This Trench MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for DC/DC Converters.
KF1N60L KEC-KF1N60L Datasheet
882Kb / 7P
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
KF2N60L KEC-KF2N60L Datasheet
1Mb / 7P
This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
KPS8N60D KEC-KPS8N60D Datasheet
388Kb / 6P
This Super Junction MOSFET has better characteristics
KPS8N60F KEC-KPS8N60F Datasheet
390Kb / 6P
This Super Junction MOSFET has better characteristics
KPS8N65F KEC-KPS8N65F Datasheet
993Kb / 6P
This Super Junction MOSFET has better characteristics
KPS11N60F KEC-KPS11N60F Datasheet
390Kb / 6P
This Super Junction MOSFET has better characteristics
KPS11N65F KEC-KPS11N65F Datasheet
390Kb / 6P
This Super Junction MOSFET has better characteristics
KPS15N60F KEC-KPS15N60F Datasheet
390Kb / 6P
This Super Junction MOSFET has better characteristics
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com