Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACX301AKM Datasheet (PDF) - Sony Corporation

ACX301AKM Datasheet PDF - Sony Corporation
Part # ACX301AKM
Download  ACX301AKM Download
File Size   398.6 Kbytes
Page   26 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 5.1cm (2.0 Type) NTSC/PAL Color LCD Panel (Module with Backlight)

ACX301AKM Datasheet (PDF)

Go To PDF Page Download Datasheet
ACX301AKM Datasheet PDF - Sony Corporation

Part # ACX301AKM
Download  ACX301AKM Click to download

File Size   398.6 Kbytes
Page   26 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 5.1cm (2.0 Type) NTSC/PAL Color LCD Panel (Module with Backlight)

ACX301AKM Datasheet (HTML) - Sony Corporation


ACX301AKM Product details

Description
The ACX301AKM is an LCD panel module with back light developed exclusively for the ACX301AK 5.1cm diagonal active matrix TFT-LCD panel addressed by low temperature polycrystalline silicon transistors with built-in peripheral driving circuitry. This module provides full-color representation for NTSC and PAL systems. In addition, RGB dots are arranged in a delta pattern that provides smooth picture quality without fixed color patterns compared to vertical stripe and mosaic patterns.

Features
• Number of active dots: 200,000, 5.1cm (2.0 Type) in diagonal
• Horizontal resolution: 440 TV lines
• Center luminance: 250cd/m2 (typ.)
• High contrast ratio with normally white mode: 200 (typ.)
• Built-in H and V driving circuitry (built-in input level conversion circuit, 3V drive possible)
• Low voltage, low power consumption: 12V drive: 50mW (panel block, typ.) 0.48W (CCFL∗ power consumption, typ.) ∗ Cold cathode fluorecene lamp
• Smooth pictures with a RGB delta arrangement
• Supports NTSC/PAL
• Built-in picture quality improvement circuit
• Up/down and/or right/left inverse display function
• 16:9 screen display function
• LR (low reflectance) surface treatment provides an easy-to-see display even outdoors
• Dirt-resistant surface treatment
• Thin package using a dedicated backlight (5.8mm thick)
• High color reproductivity using a backlight optimum for LCD panels

Applications
    LCD monitors, etc.




Similar Part No. - ACX301AKM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACX301AK ETC-ACX301AK Datasheet
39Kb / 2P
Low-temperature Polysilicon TFT LCDs
More results


Similar Description - ACX301AKM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX302AK SONY-ACX302AK Datasheet
365Kb / 24P
8.80cm (3.5 Type) NTSC/PAL Color LCD Panel
ACX306AK SONY-ACX306AK Datasheet
381Kb / 23P
3.86cm (1.5 Type) NTSC/PAL Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX032AK SONY-LCX032AK Datasheet
279Kb / 23P
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032AKB SONY-LCX032AKB Datasheet
264Kb / 23P
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AK SONY-LCX033AK Datasheet
277Kb / 23P
1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AKB SONY-LCX033AKB Datasheet
260Kb / 23P
1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033ANB SONY-LCX033ANB Datasheet
189Kb / 23P
1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032ANB SONY-LCX032ANB Datasheet
540Kb / 23P
1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com