Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACX709AKM Datasheet (PDF) - Sony Corporation

ACX709AKM Datasheet PDF - Sony Corporation
Part # ACX709AKM
Download  ACX709AKM Download
File Size   256.27 Kbytes
Page   29 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 7.60cm Reflective Color LCD Module

ACX709AKM Datasheet (PDF)

Go To PDF Page Download Datasheet
ACX709AKM Datasheet PDF - Sony Corporation

Part # ACX709AKM
Download  ACX709AKM Click to download

File Size   256.27 Kbytes
Page   29 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 7.60cm Reflective Color LCD Module

ACX709AKM Datasheet (HTML) - Sony Corporation


ACX709AKM Product details

Description
The ACX709AKM is a 7.60cm diagonal, 320 × 320 dots (102,400 effective pixels) active matrix reflective color TFT-LCD module with a high performance front light unit with touch panel. This panel provides ultra-high reflection ratio with high contrast ratio. These characteristics are realized by a newly developed reflective electrode structure.

Features
• Number of effective dots: 320 × 320
• Pixel pitch: 168µm × 168µm
• High reflection ratio
• High contrast ratio
• Number of colors: 262,144
• Compact size
• Thin and bright front light unit with touch panel

Applications
    PDA, etc.




Similar Part No. - ACX709AKM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX709AKN SONY-ACX709AKN Datasheet
207Kb / 29P
7.60cm Reflective Color LCD Module
More results


Similar Description - ACX709AKM

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM12S02 SHARP-LM12S02 Datasheet
64Kb / 1P
Color STN LCD Module
LM13X31 SHARP-LM13X31 Datasheet
68Kb / 1P
Color STN LCD Module
LM5Q32 SHARP-LM5Q32 Datasheet
56Kb / 1P
Color STN LCD Module
LM6Q32 SHARP-LM6Q32 Datasheet
105Kb / 1P
Color STN-LCD Module
LM6Q35 SHARP-LM6Q35 Datasheet
77Kb / 1P
Color STN-LCD Module
LM80C312 SHARP-LM80C312 Datasheet
93Kb / 1P
Color STN LCD Module
LM80C36 SHARP-LM80C36 Datasheet
17Kb / 1P
Color STN LCD Module
logo
Sony Corporation
ACX704AKM SONY-ACX704AKM Datasheet
242Kb / 32P
9.60cm (3.78 Type) QVGA Reflective Color LCD Module
ACX705AKM SONY-ACX705AKM Datasheet
143Kb / 20P
6.92cm Diagonal Reflective Color LCD Module
ACX709AKN SONY-ACX709AKN Datasheet
207Kb / 29P
7.60cm Reflective Color LCD Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com