Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1721EDA Datasheet (PDF) - Advanced Linear Devices

ALD1721EDA Datasheet PDF - Advanced Linear Devices
Part # ALD1721EDA
Download  ALD1721EDA Download
File Size   108.65 Kbytes
Page   13 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER

ALD1721EDA Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1721EDA Datasheet PDF - Advanced Linear Devices

Part # ALD1721EDA
Download  ALD1721EDA Click to download

File Size   108.65 Kbytes
Page   13 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER

ALD1721EDA Datasheet (HTML) - Advanced Linear Devices


ALD1721EDA Product details

GENERAL DESCRIPTION
The ALD1721E is a monolithic rail-to-rail precision CMOS operational amplifier with integrated user programmable EPAD (Electrically Programmable Analog Device) based offset voltage adjustment. The ALD1721E operational amplifier is a direct replacement of the ALD1701 operational amplifier, with the added feature of user-programmable offset voltage trimming resulting in significantly enhanced total system performance and user flexibility. EPAD technology is an exclusive ALD design which has been refined for analog applications where precision voltage trimming is necessary to achieve a desired performance. It utilizes CMOS FETs as in circuit elements for trimming of offset voltage bias characteristics with the aid of a personal computer under software control. Once programmed, the set parameters are stored indefinitely within the device even after power down. EPAD offers the circuit designer a convenient and cost-effective trimming solution for achieving the very highest amplifier/system performance.
The ALD1721E operational amplifier features rail-to-rail input and output voltage ranges, tolerance to over-voltage input spikes of 300mV beyond supply rails, capacitive loading up to 50pF, extremely low input currents of 0.01pA typical, high open loop voltage gain, useful bandwidth of 700KHz, slew rate of 0.7V/µs, and low typical supply current of 120µA.

KEY FEATURES
• EPAD (Electrically Programmable Analog Device)
• User programmable VOS trimmer
• Computer-assisted trimming
• Rail-to-rail input/output
• Compatible with standard EPAD Programmer
• High precision through in-system circuit precision trimming
• Reduces or eliminates VOS, PSRR, CMRR and TCVOS errors
• System level “calibration” capability
• Application Specific Programming mode
• In-System Programming mode
• Electrically programmable to compensate for external
   component tolerances
• Achieves 0.01pA input bias current and 35µV input offset
   voltage simultaneously
• Compatible with industry standard pinout

BENEFITS
• Eliminates manual and elaborate
   system trimming procedures
• Remote controlled automated trimming
• In-System Programming capability
• No external components
• No internal chopper clocking noise
• No chopper dynamic power dissipation
• Simple and cost effective
• Small package size
• Extremely small total functional
   volume size
• Low system implementation cost
• Micropower and Low Voltage

APPLICATIONS
• Sensor interface circuits
• Transducer biasing circuits
• Capacitive and charge integration circuits
• Biochemical probe interface
• Signal conditioning
• Portable instruments
• High source impedance electrode
   amplifiers
• Precision Sample and Hold amplifiers
• Precision current to voltage converter
• Error correction circuits
• Sensor compensation circuits
• Precision gain amplifiers
• Periodic In-system calibration
• System output level shifter




Similar Part No. - ALD1721EDA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1721EDA ALD-ALD1721EDA Datasheet
66Kb / 10P
EPAD??MICROPOWER OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1721EDA ADL-ALD1721EDA Datasheet
108Kb / 13P
EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results


Similar Description - ALD1721EDA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6041 NSC-LMC6041 Datasheet
381Kb / 12P
CMOS Single Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
logo
Advanced Linear Devices
ALD1722E ALD-ALD1722E_11 Datasheet
107Kb / 13P
EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD1726E ALD-ALD1726E_11 Datasheet
108Kb / 13P
EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2722 ALD-ALD2722_11 Datasheet
110Kb / 13P
DUAL EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD2726 ALD-ALD2726_11 Datasheet
111Kb / 13P
DUAL EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
CMOS Dual Micropower Operational Amplifier
logo
ADL Embedded Solutions
ALD1721E ADL-ALD1721E Datasheet
108Kb / 13P
EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com