Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1851 Datasheet (PDF) - Sony Corporation

CXA1851 Datasheet PDF - Sony Corporation
Part # CXA1851
Download  CXA1851 Download
File Size   223.09 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Up/Down Converter for 900 MHz-Band Mobile Communications

CXA1851 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1851 Datasheet PDF - Sony Corporation

Part # CXA1851
Download  CXA1851 Click to download

File Size   223.09 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Up/Down Converter for 900 MHz-Band Mobile Communications

CXA1851 Datasheet (HTML) - Sony Corporation


CXA1851 Product details

Description
The CXA1851N is an up/down converter IC for 900 MHz-band mobile communications.
This is suitable for 900 MHz-band digital cordless telephone (CT2) and digital cellular.

Features
• Transmission/reception converter on a single chip
• Operating frequency: 800 to 900 MHz
• Supply voltage: 2.7 to 4.5 V
• Power saving function
• 20-pin SSOP package used for set size reduction

Applications
• CT2 digital cordless telephone
• Digital cellular




Similar Part No. - CXA1851

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Rev 0
CXA1850-0000-000N00V430F CREE-CXA1850-0000-000N00V430F Datasheet
1Mb / 15P
Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Rev 0
CXA1850-0000-000N00V430H CREE-CXA1850-0000-000N00V430H Datasheet
1Mb / 15P
Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Rev 0
CXA1850-0000-000N00V435F CREE-CXA1850-0000-000N00V435F Datasheet
1Mb / 15P
Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Rev 0
CXA1850-0000-000N00V435H CREE-CXA1850-0000-000N00V435H Datasheet
1Mb / 15P
Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Rev 0
More results


Similar Description - CXA1851

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8100GR NEC-UPC8100GR Datasheet
141Kb / 16P
SILICON UP/DOWN CONVERTERS IC FOR 800 MHz to 900 MHz MOBILE COMMUNICATIONS
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
L-BAND UP/DOWN CONVERTER
logo
Sony Corporation
CXA1786N SONY-CXA1786N Datasheet
183Kb / 12P
1.1GHz-band PLL IC for Mobile Communications
CXA1787N SONY-CXA1787N Datasheet
176Kb / 13P
2GHz-band PLL IC for Mobile Communications
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
California Eastern Labs
UPC1687GV CEL-UPC1687GV Datasheet
48Kb / 5P
900 MHz SILICON RFIC DOWN CONVERTER
UPC1686GV CEL-UPC1686GV Datasheet
198Kb / 8P
900 MHz SILICON MMIC DOWN CONVERTER
logo
NIHON DEMPA KOGYO
NX2520SG NDK-NX2520SG_16 Datasheet
697Kb / 1P
For Mobile Communications
NX5032SA NDK-NX5032SA_16 Datasheet
701Kb / 1P
For Mobile Communications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com