Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1946 Datasheet (PDF) - Sony Corporation

CXA1946 Datasheet PDF - Sony Corporation
Part # CXA1946
Download  CXA1946 Download
File Size   365.2 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Electronic Volume

CXA1946 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1946 Datasheet PDF - Sony Corporation

Part # CXA1946
Download  CXA1946 Click to download

File Size   365.2 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Electronic Volume

CXA1946 Datasheet (HTML) - Sony Corporation


CXA1946 Product details

Description
The CXA1946BQ/BR is a serial control electronic volume IC designed for use in audio systems.

Features
• Loudness
• Volume control (0dB to –87dB in 1dB step, –∞dB)
• Balance
• Tone control (15 steps, 2 bands, –16dB to +16dB)
• Fader (2dB-step to –20dB, –25dB, –35dB, –45dB, –60dB, –∞dB)
• Input selector (4 channels)
• Gain can be set for each input channel (common for channels 3 and 4)
• Serial data control (DATA, CLK, CE)
• Single 8V power supply
• Zero-cross detection circuit (with timer)
• Power-off mute
• Volume control and tone control input/output pins are separate.
• Portable phone noise countermeasure




Similar Part No. - CXA1946

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1946 SONY-CXA1946 Datasheet
367Kb / 24P
Electronic Volume
CXA1946 SONY-CXA1946 Datasheet
419Kb / 23P
Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
Electronic Volume
CXA1946AR SONY-CXA1946AR Datasheet
367Kb / 24P
Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
Electronic Volume
More results


Similar Description - CXA1946

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9235P TOSHIBA-TC9235P Datasheet
342Kb / 10P
ELECTRONIC VOLUME
TC9260P TOSHIBA-TC9260P Datasheet
350Kb / 10P
ELECTRONIC VOLUME
TC9153 TOSHIBA-TC9153 Datasheet
1Mb / 16P
electronic volume
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
121Kb / 10P
Electronic Volume
CXA1746Q SONY-CXA1746Q Datasheet
254Kb / 19P
Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
Electronic Volume
CXA2506Q SONY-CXA2506Q Datasheet
250Kb / 19P
Electronic Volume
CXA1646Q SONY-CXA1646Q Datasheet
273Kb / 21P
Electronic Volume
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
ELECTRONIC VOLUME
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com