Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1951Q Datasheet (PDF) - Sony Corporation

CXA1951Q Datasheet PDF - Sony Corporation
Part # CXA1951Q
Download  CXA1951Q Download
File Size   189.87 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description GPS Down Converter

CXA1951Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1951Q Datasheet PDF - Sony Corporation

Part # CXA1951Q
Download  CXA1951Q Click to download

File Size   189.87 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description GPS Down Converter

CXA1951Q Datasheet (HTML) - Sony Corporation


CXA1951Q Product details

Description
The CXA1951Q is an IC developed as a GPS down converter, featuring low current consumption and small package. This IC is suitable for the mobile GPS (Global Positioning System).
   
Features
• Includes all functions required for the GPS converter.
• Total gain: 110dB or more
• Operating supply voltage range: 2.7 to 5.5V
• Low current consumption:
    Icc = 30mA (Typ. at Vcc = 3V)
• Excellent temperature characteristics
   
Applications
    GPS (Global Positioning System)
   




Similar Part No. - CXA1951Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1951AQ SONY-CXA1951AQ Datasheet
364Kb / 16P
GPS Down Converter
More results


Similar Description - CXA1951Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1951AQ SONY-CXA1951AQ Datasheet
364Kb / 16P
GPS Down Converter
CXA3355ER SONY-CXA3355ER Datasheet
295Kb / 28P
GPS Down Converter IC
logo
Texas Instruments
SN761688 TI-SN761688 Datasheet
269Kb / 13P
DOWN CONVERTER
logo
Sony Corporation
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
GPS Down Converter IC
CXA3355AER SONY-CXA3355AER Datasheet
410Kb / 29P
GPS Down Converter IC
logo
Panasonic Semiconductor
AN18401A PANASONIC-AN18401A Datasheet
245Kb / 8P
Down Converter IC for GPS
logo
M/A-COM Technology Solu...
MAIA-007495-000100 MA-COM-MAIA-007495-000100 Datasheet
105Kb / 5P
Down Converter
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
Step-Down Converter
logo
M/A-COM Technology Solu...
MAIA-007495-000100 MA-COM-MAIA-007495-000100_15 Datasheet
105Kb / 5P
Down Converter
MADC-011010 MA-COM-MADC-011010 Datasheet
1Mb / 18P
Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com