Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST280S Datasheet (PDF) - Vishay Siliconix

ST280S Datasheet PDF - Vishay Siliconix
Part # ST280S
Download  ST280S Download

File Size   158.77 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control Thyristors (Stud Version), 280 A

ST280S Datasheet (PDF)

Go To PDF Page Download Datasheet
ST280S Datasheet PDF - Vishay Siliconix

Part # ST280S
Download  ST280S Click to download

File Size   158.77 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control Thyristors (Stud Version), 280 A

ST280S Datasheet (HTML) - Vishay Siliconix

ST280S Datasheet HTML 1Page - Vishay Siliconix ST280S Datasheet HTML 2Page - Vishay Siliconix ST280S Datasheet HTML 3Page - Vishay Siliconix ST280S Datasheet HTML 4Page - Vishay Siliconix ST280S Datasheet HTML 5Page - Vishay Siliconix ST280S Datasheet HTML 6Page - Vishay Siliconix ST280S Datasheet HTML 7Page - Vishay Siliconix ST280S Datasheet HTML 8Page - Vishay Siliconix



Similar Part No. - ST280S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST280S IRF-ST280S Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST280S04P0V IRF-ST280S04P0V Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST280S04P1V IRF-ST280S04P1V Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST280S06P0V IRF-ST280S06P0V Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
ST280S06P0VPBF VISHAY-ST280S06P0VPBF Datasheet
142Kb / 7P
   Phase Control Thyristors (Stud Version), 280 A
Revision: 11-Aug-08
More results


Similar Description - ST280S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST280S VISHAY-VS-ST280S_V01 Datasheet
185Kb / 8P
   Phase Control Thyristors(Stud Version), 280 A
01-Jan-2022
ST280SPBF VISHAY-ST280SPBF Datasheet
142Kb / 7P
   Phase Control Thyristors (Stud Version), 280 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
80RIA40PBF VISHAY-80RIA40PBF_10 Datasheet
160Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 17-Sep-10
180RKI40PBF VISHAY-180RKI40PBF_09 Datasheet
156Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 03-Nov-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com