| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NGD18N40CLB
|
152Kb / 8P |
Ignition IGBT 18 Amps, 400 Volts
May, 2006 ??Rev. 7 |
|
NGB8202N
|
124Kb / 8P |
Ignition IGBT 20 A, 400 V, N.Channel D2PAK
February, 2012 ??Rev. 7 |
|
NGB8206N
|
130Kb / 8P |
Ignition IGBT 20 A, 350 V, N.Channel D2PAK
February, 2012 ??Rev. 9 |
|
NGB8207AN
|
125Kb / 7P |
Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1 |
|
NGB8207N
|
132Kb / 7P |
Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1 |
|
NGB8245N
|
122Kb / 7P |
Ignition IGBT 20 A, 450 V, N.Channel D2PAK
September, 2012 ??Rev. 2 |
|
NGD15N41CL
|
147Kb / 11P |
Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8 |
|
NGD8201N
|
125Kb / 8P |
Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10 |
|
NGD8205N
|
117Kb / 7P |
Ignition IGBT 20 Amp, 350 Volt, N.Channel DPAK
January, 2012 ??Rev. 9 |
 Littelfuse |
LGB8204ATH
|
472Kb / 10P |
400 V, 18 A N-Channel Ignition IGBT
3/16/2020 |