Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2546Q Datasheet (PDF) - Sony Corporation

CXA2546Q Datasheet PDF - Sony Corporation
Part # CXA2546Q
Download  CXA2546Q Download
File Size   268.75 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 3-band Electronic Volume

CXA2546Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2546Q Datasheet PDF - Sony Corporation

Part # CXA2546Q
Download  CXA2546Q Click to download

File Size   268.75 Kbytes
Page   19 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 3-band Electronic Volume

CXA2546Q Datasheet (HTML) - Sony Corporation


CXA2546Q Product details

Description
The CXA2546Q is a 2-channel electronic volume IC. A 34-bit serial data input controls the level and characteristics of the output signal. It may be used in car stereos and general audio systems.

Features
• Loudness
• Volume control
   (from 0 dB to –80 dB, –∞ dB :
      Fine (1 dB-step)
      Coarse (2 dB-step)
• Balance
• Tone control
   (3-band, 2 dB-step from –15 dB to +15 dB)
• Fader
   2 dB-step to –20 dB, –25 dB, –30 dB, –45 dB, –60 dB, –∞ dB)
• Input and gain selector (4 channels)
• Serial data control (DATA, CLK, CE)
• Single 8 V power supply
• Zero-cross detection circuit
   (L/R independent operation for the volume block)
• Timer
• Power-off mute
• Countermeasure to the noise of the portable telephone




Similar Part No. - CXA2546Q

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
LED array expands Crees family of high flux, multi die integrated arrays
Rev 3
CXA2540 CREE-CXA2540 Datasheet
1Mb / 15P
Retail Track Light Reference Design
rev 1A
CXA2540-0000-000N00U20E8 CREE-CXA2540-0000-000N00U20E8 Datasheet
1Mb / 19P
LED array expands Crees family of high flux, multi die integrated arrays
Rev 3
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 19P
LED array expands Crees family of high flux, multi die integrated arrays
Rev 3
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 15P
Retail Track Light Reference Design
rev 1A
More results


Similar Description - CXA2546Q

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9235P TOSHIBA-TC9235P Datasheet
342Kb / 10P
ELECTRONIC VOLUME
TC9260P TOSHIBA-TC9260P Datasheet
350Kb / 10P
ELECTRONIC VOLUME
15-May-1998
TC9153 TOSHIBA-TC9153 Datasheet
1Mb / 16P
electronic volume
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
121Kb / 10P
Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
Electronic Volume
CXA2506Q SONY-CXA2506Q Datasheet
250Kb / 19P
Electronic Volume
CXA2547Q SONY-CXA2547Q Datasheet
261Kb / 19P
2-band Electronic Volume
CXA1646Q SONY-CXA1646Q Datasheet
273Kb / 21P
Electronic Volume
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
ELECTRONIC VOLUME
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com