| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTD5805N
|
143Kb / 6P |
Power MOSFET 40 V, 51 A, Single N.Channel, DPAK
April, 2012 ??Rev. 4 |
|
NTMFS5834NL
|
114Kb / 6P |
Power MOSFET 40 V, 75 A, 9.3 m, Single N.Channel
February, 2013 ??Rev. 3 |
|
NVMFS5830NL
|
111Kb / 6P |
Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
March, 2013 ??Rev. 1 |
|
NVMFS5832NL
|
113Kb / 6P |
Power MOSFET 40 V, 4.2 m, 120 A, Single N.Channel
March, 2013 ??Rev. 2 |
|
NVD5890NT4G
|
116Kb / 7P |
Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
January, 2012 ??Rev. 1 |
|
NTMFS5C442NL
|
83Kb / 6P |
Power MOSFET 40 V, 121 A, Single N.Channel
June, 2014 ??Rev. 0 |
|
NTD4970N-1G
|
123Kb / 7P |
30 V, 36 A, Single N.Channel, DPAK/IPAK
June, 2011 ??Rev. 0 |
|
NVMFS6H818N
|
187Kb / 7P |
MOSFET ??Power, Single N-Channel 80 V, 3.7 m, 123 A
July, 2019 ??Rev. 1 |
|
NVD5890N
|
217Kb / 8P |
Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
May, 2017 ??Rev. 2 |
|
NVMYS3D8N04CL
|
335Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 3.7 m, 87 A
April, 2021 ??Rev. 1 |