Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2566M Datasheet (PDF) - Sony Corporation

CXA2566M Datasheet PDF - Sony Corporation
Part # CXA2566M
Download  CXA2566M Download
File Size   153.3 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Headphone Stereos

CXA2566M Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2566M Datasheet PDF - Sony Corporation

Part # CXA2566M
Download  CXA2566M Click to download

File Size   153.3 Kbytes
Page   12 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Headphone Stereos

CXA2566M Datasheet (HTML) - Sony Corporation


CXA2566M Product details

Description
This is a bipolar IC designed for headphone stereos. It provides functions such as automatic volume limiter control, bass boost, standby, headphone driver and others.

Features
• Low quiescent current (3.2mA at 2.4V Vcc )
• Thermal shutdown circuitry at 120°C
• Headphone driver (30mW at 2.4V Vcc for 16Ω load)
• Bass boost function (9dB)
• Standby function
• Wide operating voltage (1.8 to 5V)
• Automatic volume limiter control (100mVrms)
• Uses SOP 16 pin package

Application
    Headphone Stereos




Similar Part No. - CXA2566M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2560 SONY-CXA2560 Datasheet
310Kb / 19P
Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
RF Amplifier for CD Players
More results


Similar Description - CXA2566M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3840KV ROHM-BA3840KV Datasheet
146Kb / 8P
Preset graphic equalizer for headphone stereos
logo
Sanyo Semicon Device
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
Power Amplifier for 1.5V Headphone Stereos?
logo
Mitsumi Electronics, Co...
LAG668 MITSUMI-LAG668 Datasheet
134Kb / 5P
IC for Headphone Stereos (bass boost)
MM1376 MITSUMI-MM1376 Datasheet
81Kb / 3P
IC for Headphone Stereos
LAG673 MITSUMI-LAG673 Datasheet
112Kb / 4P
IC for Headphone Stereos Monolithic IC
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Sanyo Semicon Device
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
Power Amplifier For 1.5V Headphone Stereos
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
Power Amplifier for 1.5V Headphone Stereos
May, 2013
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com