| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCP434FCT2G
|
700Kb / 10P |
2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4 |
|
NCP331
|
119Kb / 8P |
Soft-Start Controlled Load Switch with Auto Discharge
November, 2013 ??Rev. 1 |
|
NCP432
|
122Kb / 7P |
1.5A Ultra-Small Controlled Load Switch with Auto-Discharge Path
December, 2013 ??Rev. 1 |
|
NCP333
|
180Kb / 10P |
Ultra-Small Controlled Load Switch Auto-Discharge Path
May, 2014 ??Rev. 1 |
|
NCP436
|
100Kb / 7P |
3A Ultra-Small Controlled Load Switch
April, 2014 ??Rev. 1 |
|
NCP338
|
181Kb / 8P |
2A Ultra-Small Controlled Load Switch
August, 2013 ??Rev. 2 |
|
NCP334
|
224Kb / 10P |
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 2 |
|
NCP338
|
145Kb / 8P |
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3 |
|
NCP435
|
649Kb / 10P |
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 5 |
 Renesas Technology Corp |
SLG5NT1547V
|
380Kb / 10P |
Ultra-small 80 mW, 1.0 A Load Switch with Discharge
February 8, 2022 |