Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3266Q Datasheet (PDF) - Sony Corporation

CXA3266Q Datasheet PDF - Sony Corporation
Part # CXA3266Q
Download  CXA3266Q Download
File Size   765.0 Kbytes
Page   60 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description PLL IC for LCD Monitor/Projector

CXA3266Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3266Q Datasheet PDF - Sony Corporation

Part # CXA3266Q
Download  CXA3266Q Click to download

File Size   765.0 Kbytes
Page   60 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description PLL IC for LCD Monitor/Projector

CXA3266Q Datasheet (HTML) - Sony Corporation


CXA3266Q Product details

Description

The CXA3266Q is a PLL IC for LCD monitors/projectors with built-in phase detector, charge pump, VCO and counter.

The various internal settings are performed by serial data via a 3-line bus.

Applicable LCD monitor/projector resolution are NTSC, PAL, VGA, SVGA, XGA, SXGA and UXGA etc.

The CXA3266Q is the same package as the previous CXA3106Q and CXA3106AQ. They have the same pin configuration excluding Pin 38.



Features

• Supply voltage: 5 ± 0.25V single power supply

• Package: 48-pin QFP

• Power consumption: 328mW

• Sync input frequency: 10 to 120kHz

• Clock output signal frequency: 10 to 203MHz

• Clock delay: 8/32 to 48/32 CLK

• Sync delay: 8/32 to 48/32 CLK

• I/O level: TTL, PECL (complementary)

• Low clock jitter

• 1/2 clock output

• TTL output high level control function



Functions

• Phase detector enable

• UNLOCK output

• Output TTL disable function

• Power saving function (2 steps)



Applications

• CRT displays

• LCD projectors

• LCD monitors

• Multi-media

• Digital TV



 




Similar Part No. - CXA3266Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
Driver/Timing Generator for Color LCD Panels
More results


Similar Description - CXA3266Q

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9246F TOSHIBA-TC9246F Datasheet
404Kb / 10P
PLL IC FOR DIGITAL AUDIO
15-May-1998
logo
Sharp Corporation
LQ64SP1 SHARP-LQ64SP1 Datasheet
78Kb / 1P
Color TFT-LCD Module for OHP/Projector
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
PLL IC for LCD Monitor/Projector
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
PLL IC for LCD Monitor/Projector
logo
PulseCore Semiconductor
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
Custom Clock generator for LCD Projector
logo
Texas Instruments
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
logo
Panasonic Semiconductor
PT-EX12K PANASONIC-PT-EX12K Datasheet
1,000Kb / 16P
LCD Projector
PT-EX16K PANASONIC-PT-EX16K Datasheet
1Mb / 16P
LCD Projector
PT-FW430 PANASONIC-PT-FW430 Datasheet
1Mb / 14P
LCD Projector
PT-FX400 PANASONIC-PT-FX400 Datasheet
1Mb / 13P
LCD Projector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com