Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3555N Datasheet (PDF) - Sony Corporation

CXA3555N Datasheet PDF - Sony Corporation
Part # CXA3555N
Download  CXA3555N Download
File Size   225.06 Kbytes
Page   28 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description All Band Tuner IC with On-chip PLL

CXA3555N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3555N Datasheet PDF - Sony Corporation

Part # CXA3555N
Download  CXA3555N Click to download

File Size   225.06 Kbytes
Page   28 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description All Band Tuner IC with On-chip PLL

CXA3555N Datasheet (HTML) - Sony Corporation


CXA3555N Product details

Description
The CXA3555N is a monolithic TV tuner IC which integrates local oscillator and mixer circuits for VHF band, local oscillator and mixer circuits for UHF band, an IF amplifier and a tuning PLL onto a single chip, enabling further miniaturization of the tuner.

Features
• Low power consumption (5V, 63mA typ.)
• Low noise figure, low distortion characteristics
• High gain/low gain selectable
• Supports IF double-tuned/adjacent channel trap
• Balanced oscillator circuits (3 sets) with excellent oscillation stability
• On-chip PLL supports I2C bus
• On-chip high voltage drive transistor for charge pump
• Frequency step selectable from 31.25, 50 or 62.5kHz (when using a 4MHz crystal)
• Low-phase noise synthesizer
• On-chip 4-output band switch (output voltage: 5V, current capacity: 5mA)
• 30-pin SSOP small package

Applications
• TV tuners
• VCR tuners
• CATV tuners




Similar Part No. - CXA3555N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3556N SONY-CXA3556N Datasheet
142Kb / 13P
IF Down Converter for Digital Broadcast
More results


Similar Description - CXA3555N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
All Band TV Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
All Band Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
All Band TV Tuner IC with On-chip PLL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com