Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1577Q Datasheet (PDF) - Sony Corporation

CXB1577Q Datasheet PDF - Sony Corporation
Part # CXB1577Q
Download  CXB1577Q Download
File Size   339.23 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Post-Amplifier for Optical Fiber Communication Receiver

CXB1577Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXB1577Q Datasheet PDF - Sony Corporation

Part # CXB1577Q
Download  CXB1577Q Click to download

File Size   339.23 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Post-Amplifier for Optical Fiber Communication Receiver

CXB1577Q Datasheet (HTML) - Sony Corporation


CXB1577Q Product details

Description
The CXB1577Q achieves the 2R optical-fiber communication receiver functions (Reshaping and Regenerating) on a single chip. This IC is equipped with the signal detection function, which is used to enable TTL/ECL outputs. Also, the output disable function performs the output shutdown. 3.3V/5.0V can be used for the supply voltage.

Features
• Output disable function (TTL input)
• Signal detection function (TTL/ECL output)
• Supply voltage supports both 3.3V/5.0V

Applications
• SONET/SDH: 622.08Mbps
• Fibre Channel: 531.25Mbps
                         : 1.062Gbps
• Gigabit-Ethernet: 1.25Gbps




Similar Part No. - CXB1577Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
Post-Amplifier for Optical Fiber Communication Receiver
More results


Similar Description - CXB1577Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1562AQ SONY-CXB1562AQ Datasheet
318Kb / 16P
2R IC for Optical Fiber Communication Receiver
CXB1563Q SONY-CXB1563Q Datasheet
296Kb / 16P
2R IC for Optical Fiber Communication Receiver
CXB1567Q SONY-CXB1567Q Datasheet
439Kb / 16P
Limiting Amplifier for Optical Fiber Communication Receiver
CXB1572Q SONY-CXB1572Q Datasheet
300Kb / 16P
Post amplifier for Optical Fiber Communication Receiver
CXB1573R SONY-CXB1573R Datasheet
332Kb / 21P
Post-Amplifier for Optical Fiber Communication Receiver
CXB1577R SONY-CXB1577R Datasheet
328Kb / 21P
Post-Amplifier for Optical Fiber Communication Receiver
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
Post Amplifier for Optical Fiber Communication Receiver
logo
Hitachi Semiconductor
HA16852MP HITACHI-HA16852MP Datasheet
195Kb / 5P
Optical Communication Receiver/Amplifier
HA16853MP HITACHI-HA16853MP Datasheet
167Kb / 5P
Optical Communication Receiver/Amplifier
HA16856MP HITACHI-HA16856MP Datasheet
210Kb / 6P
Optical Communication Receiver/Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com