Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1583Q Datasheet (PDF) - Sony Corporation

CXB1583Q Datasheet PDF - Sony Corporation
Part # CXB1583Q
Download  CXB1583Q Download
File Size   405.21 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 266Mbaud Fibre Channel Transceiver IC

CXB1583Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXB1583Q Datasheet PDF - Sony Corporation

Part # CXB1583Q
Download  CXB1583Q Click to download

File Size   405.21 Kbytes
Page   23 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 266Mbaud Fibre Channel Transceiver IC

CXB1583Q Datasheet (HTML) - Sony Corporation


CXB1583Q Product details

Description
The CXB1583Q is a transceiver IC with the built-in PLLs into a single chip.
For receiver, the 265.625Mbaud serial data is received and it is output as a 10-bit parallel data; for transmitter, the 265.625Mbaud 10-bit parallel data is received and it is output as a serial data after conversion.

Features
• Transmitter/receiver into a single chip
• Conforms to ANSI X3T11 fibre channel standard
• PLL for a clock synthesizing and for clock recovery
• Single 3.3V power supply
• Low power consumption: 860mW (Typ.)
• 80-pin plastic package
• Comma signal detector
• Test pattern (±K28.5) generation circuit
• Loop-back circuit
• Supports data rage of 200Mbaud

Applications
    265.625Mbaud fibre channel




Similar Part No. - CXB1583Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1581Q SONY-CXB1581Q Datasheet
285Kb / 22P
Fibre Channel Transmitter
CXB1582Q SONY-CXB1582Q Datasheet
293Kb / 23P
Fibre Channel Receiver
CXB1585N SONY-CXB1585N Datasheet
180Kb / 14P
Fibre Channel Repeater
CXB1586AR SONY-CXB1586AR Datasheet
307Kb / 18P
10 Bit 1.0625 Gbaud Transceiver
More results


Similar Description - CXB1583Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FC106 STMICROELECTRONICS-FC106 Datasheet
210Kb / 32P
Fibre Channel Transceiver 1.0625 GBaud
Sep-1998
logo
Texas Instruments
SN75FC1000B TI-SN75FC1000B Datasheet
256Kb / 19P
1-GIGABIT FIBRE CHANNEL TRANSCEIVER
logo
Agilent(Hewlett-Packard...
HDMP-1526 HP-HDMP-1526 Datasheet
229Kb / 14P
Fibre Channel Transceiver Chip
HDMP-1536 HP-HDMP-1536 Datasheet
259Kb / 15P
Fibre Channel Transceiver Chip
HPFC-5400 HP-HPFC-5400 Datasheet
88Kb / 2P
Tachyon DX2 Dual Channel Fibre Channel IC
logo
Applied Micro Circuits ...
CS2060 AMCC-CS2060 Datasheet
31Kb / 2P
Gigabit Ethernet/Fibre Channel Transceiver
S2070 AMCC-S2070 Datasheet
168Kb / 20P
FIBRE CHANNEL/GIGABIT ETHERNET TRANSCEIVER
logo
Texas Instruments
SN75FC1000 TI1-SN75FC1000 Datasheet
301Kb / 10P
1-GIGABIT FIBRE CHANNEL TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-54D7APZ AVAGO-AFBR-54D7APZ Datasheet
246Kb / 17P
Fibre Channel RoHS Compliant Optical Transceiver
AFCT-57F5ATMZ AVAGO-AFCT-57F5ATMZ Datasheet
501Kb / 16P
Fibre Channel Optical Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com