Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1818Q Datasheet (PDF) - Sony Corporation

CXB1818Q Datasheet PDF - Sony Corporation
Part # CXB1818Q
Download  CXB1818Q Download
File Size   225.6 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Laser Diode Driver

CXB1818Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXB1818Q Datasheet PDF - Sony Corporation

Part # CXB1818Q
Download  CXB1818Q Click to download

File Size   225.6 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Laser Diode Driver

CXB1818Q Datasheet (HTML) - Sony Corporation


CXB1818Q Product details

Description
The CXB1818Q is a high-speed monolithic Laser Diode Driver/Current Switch with ECL/PECL input level. Open collector outputs are provided at the output pins (Q, QBX) and have the capacity of driving modulation current of 50mAp-p at a maximum data rate of 622Mbps. Along with the modulation current generator there is the laser diode bias current generator which has capacity of sourcing up to 60mA (Bias). The laser diode bias current can be controlled by either a voltage or current into the bias adjust pin (BiasAdj) and the bias set pin (SBias), depending on how these pins are configured. Control of the bias current is achieved through the APC (Automatic Power Control) circuit. In order to avoid having a large current go through the laser diode, this IC also provides an Activity detector function for laser protection. The Activity detector circuit detects data edge transitions and if no data transition occurs after a certain period, then both the modulation and bias currents are shutdown. The bias currents are shut it down by in order to pull down the output voltage of APC OP.Amp.

Features
• Maximum data rate (NRZ): 622Mbps
• Alarm and Shutdown function
• DFF for input signal correction
• Input signal Duty cycle correction
• Automatic Power Control (APC) for bias current
• Activity detector function for laser protection
• Alarm signal mask function during shutdown
• Differential PECL inputs or AC coupled inputs

Applications
• SONET/SDH: 622Mbps
• Fibre channel: 531Mbps




Similar Part No. - CXB1818Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1810FN SONY-CXB1810FN Datasheet
190Kb / 17P
Post Amplifier for Optical Fiber Communication Receiver
logo
Cree, Inc
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
XLamp LED
Rev 1D
logo
Cree LED
CXB1816 CREELED-CXB1816 Datasheet
1Mb / 17P
XLamp® CXB1816 LED
REV 10
logo
Cree, Inc
CXB1816-0000-000N0BQ240E CREE-CXB1816-0000-000N0BQ240E Datasheet
2Mb / 15P
XLamp LED
Rev 1D
CXB1816-0000-000N0BQ250E CREE-CXB1816-0000-000N0BQ250E Datasheet
2Mb / 15P
XLamp LED
Rev 1D
More results


Similar Description - CXB1818Q

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
LASER-DIODE DRIVER
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
LASER-DIODE DRIVER
logo
List of Unclassifed Man...
HY6330 ETC-HY6330 Datasheet
176Kb / 2P
Laser Diode Driver
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
Laser Diode Driver
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
Laser Diode Driver
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
Laser Diode Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com