Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1179 Datasheet (PDF) - Sony Corporation

CXD1179 Datasheet PDF - Sony Corporation
Part # CXD1179
Download  CXD1179 Download
File Size   202.68 Kbytes
Page   14 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8-bit 35MSPS Video A/D Converter with Clamp Function

CXD1179 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD1179 Datasheet PDF - Sony Corporation

Part # CXD1179
Download  CXD1179 Click to download

File Size   202.68 Kbytes
Page   14 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8-bit 35MSPS Video A/D Converter with Clamp Function

CXD1179 Datasheet (HTML) - Sony Corporation


CXD1179 Product details

Description
The CXD1179Q is an 8-bit CMOS A/D converter for video with synchronizing clamp function. The adoption of 2 step-parallel method achieves ultra-low power consumption and a maximum conversion speed of 35MSPS.

Features
• Resolution: 8-bit ± 1/2LSB (DL)
• Maximum sampling frequency: 35MSPS
• Low power consumption: 80 mW (at 35MSPS typ.) (reference current excluded)
• Synchronizing clamp function
• Clamp ON/OFF function
• Reference voltage self bias circuit
• Input CMOS compatible
• 3-state TTL compatible output
• Single 5V power supply
• Low input capacitance: 8 pF
• Reference impedance: 330 Ω (typ.)

Applications
    Wide range of applications that require high-speed A/D conversion such as TV and VCR.




Similar Part No. - CXD1179

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1170 SONY-CXD1170 Datasheet
145Kb / 8P
6-bit 40MSPS High Speed D/A Converter
CXD1170M SONY-CXD1170M Datasheet
145Kb / 8P
6-bit 40MSPS High Speed D/A Converter
CXD1171 SONY-CXD1171 Datasheet
151Kb / 12P
8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
151Kb / 12P
8-bit 40MSPS High Speed D/A Converter
CXD1171M SONY-CXD1171M Datasheet
344Kb / 25P
8-bit 50MSPS Video A/D Converter with Clamp Function
More results


Similar Description - CXD1179

ManufacturerPart #DatasheetDescription
logo
NEC
UPC659A NEC-UPC659A Datasheet
123Kb / 16P
8-BIT A/D CONVERTER FOR VIDEO PROCESSING WITH REFERENCE GENERATOR AND CLAMP CIRCUIT
logo
Sony Corporation
CXD1176Q SONY-CXD1176Q Datasheet
402Kb / 25P
8-bit 20MSPS Video A/D Converter with Clamp Function
CXD2300Q SONY-CXD2300Q Datasheet
202Kb / 14P
8-bit 18MSPS Video A/D Converter with 3.3V Power Supply Operation Function
CXD2301Q SONY-CXD2301Q Datasheet
473Kb / 23P
8-bit 30MSPS Video A/D Converter with Built-in Amplifier/Clamp
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
8-bit 50MSPS Video A/D Converter with Clamp Function
CXD2303AQ SONY-CXD2303AQ Datasheet
501Kb / 37P
8-bit 3-channel 50 MSPS Video A/D Converter with clamp function
logo
Intersil Corporation
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
HI2301 INTERSIL-HI2301 Datasheet
746Kb / 13P
8-Bit, 30 MSPS, Video A/D Converter with Amplifier/Clamp
January 1998
HI2303 INTERSIL-HI2303 Datasheet
162Kb / 18P
Triple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
December 1998
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
8-Bit, 50MSPS, Video A/D Converter with Clamp Function
October 25, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com