Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1196AR Datasheet (PDF) - Sony Corporation

CXD1196AR Datasheet PDF - Sony Corporation
Part # CXD1196AR
Download  CXD1196AR Download
File Size   278.88 Kbytes
Page   28 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CD-ROM DECODER

CXD1196AR Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD1196AR Datasheet PDF - Sony Corporation

Part # CXD1196AR
Download  CXD1196AR Click to download

File Size   278.88 Kbytes
Page   28 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CD-ROM DECODER

CXD1196AR Datasheet (HTML) - Sony Corporation


CXD1196AR Product details

Description
The CXD1196AR is a CD-ROM decoder LSI with a built-in ADPCM decoder.

Features
• CD-ROM, CD-I and CD-ROM XA format compatible
• Real time error correction
• Double speed playback compatible
   (when VDD=5.0±10 %)
• Can be connected to a standard SRAM up to 32 Kbytes (256 Kbits).
• All audio output sampling frequency : 132.3 kHz
   (Built-in oversampling filter)
• Built-in de-emphasis digital filter
• Capable of VDD 3.5 V operation

Applications
   CD-ROM drive




Similar Part No. - CXD1196AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1198AQ SONY-CXD1198AQ Datasheet
426Kb / 51P
CD-ROM Subcode Decoder
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
CD-ROM DECODER
More results


Similar Description - CXD1196AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1186CQ SONY-CXD1186CQ Datasheet
454Kb / 46P
CD-ROM Decoder
CXD1198AQ SONY-CXD1198AQ Datasheet
426Kb / 51P
CD-ROM Subcode Decoder
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
CD-ROM DECODER
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
CD-ROM DECODER
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
CD-ROM Decoder
CXD1804BR SONY-CXD1804BR Datasheet
813Kb / 103P
CD-ROM Decoder
CXD1804CR SONY-CXD1804CR Datasheet
868Kb / 103P
CD-ROM Decoder
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
CD-ROM DECODER
CXD1808AQ SONY-CXD1808AQ Datasheet
1Mb / 53P
CD-ROM DECODER
CXD1818R SONY-CXD1818R Datasheet
895Kb / 112P
CD-ROM Decoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com