Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1915R Datasheet (PDF) - Sony Corporation

CXD1915R Datasheet PDF - Sony Corporation
Part # CXD1915R
Download  CXD1915R Download
File Size   354.74 Kbytes
Page   50 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Digital Video Encoder

CXD1915R Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD1915R Datasheet PDF - Sony Corporation

Part # CXD1915R
Download  CXD1915R Click to download

File Size   354.74 Kbytes
Page   50 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Digital Video Encoder

CXD1915R Datasheet (HTML) - Sony Corporation


CXD1915R Product details

Description
The CXD1915R is a digital video encoder designed for DVDs, set top boxes, digital VCRs and other digital video equipment. This device accepts ITU-R601 format Y, Cb and Cr data and ITU-R656 format Y, Cb and Cr data, and the data are encoded to composite video and separate Y/C video (S-video) signals and converted to RGB/YUV signals.

Features
• NTSC, PAL, MPAL and 4.43NTSC encoding modes
• Composite video and separate Y/C video (S-video) signal output
• R, G, B/Y, U, V (BetaCam/SMPTE level) signal output
• 8/16-bit pixel data input modes
• 13.5Mpps pixel rate
• 12.27 and 14.75Mpps square pixel rates
• External synchronization using HSYNC, VSYNC and FID inputs, or internal synchronization
• Supports interlace and non-interlace modes
• On-chip 100% color bar generator
• OSD function
• ITU-R656 code signal EAV decoding
• Supports I2C bus (400kHz) and Sony SIO
• Closed Caption (line 21, line 284) encoding
• VBID encoding
• WSS encoding
• 10-bit 6-channel DAC
• Macrovision Pay-Per-View copy protection system Rev. 7.1.L1∗1
• Monolithic CMOS single 3.3V power supply
• 80-pin plastic LQFP




Similar Part No. - CXD1915R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
Digital Video Encoder
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
Digital Video Encoder
CXD1914Q SONY-CXD1914Q Datasheet
407Kb / 41P
Digital Video Encoder
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
Digital Video Encoder
More results


Similar Description - CXD1915R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
Digital video encoder
2000 Mar 08
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
Digital Video Encoder
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
Digital Video Encoder
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
Digital video encoder
2003 Dec 09
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
Digital video encoder
2004 Mar 04
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
Digital video encoder
logo
NXP Semiconductors
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
Digital video encoder
Rev. 02-23 December 2005
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
Digital video encoder
Rev. 04-18 January 2006
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
Digital video encoder
2004 Mar 16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com