Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS43TR16640A Datasheet (PDF) - Integrated Silicon Solution, Inc

IS43TR16640A Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS43TR16640A
Download  IS43TR16640A Download
File Size   2234.23 Kbytes
Page   71 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128MX8, 64MX16 1Gb DDR3 SDRAM

IS43TR16640A Datasheet (PDF)

Go To PDF Page Download Datasheet
IS43TR16640A Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS43TR16640A
Download  IS43TR16640A Click to download

File Size   2234.23 Kbytes
Page   71 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128MX8, 64MX16 1Gb DDR3 SDRAM

IS43TR16640A Datasheet (HTML) - Integrated Silicon Solution, Inc


IS43TR16640A Product details

FEATURES
● Standard Voltage: VDD and VDDQ = 1.5V ± 0.075V
   Low Voltage (L): VDD and VDDQ = 1.35V + 0.1V, -0.067V
● High speed data transfer rates with system
   frequency up to 933 MHz
● 8 internal banks for concurrent operation
● 8Bits pre-fetch architecture
● Programmable CAS Latency: 5, 6, 7, 8, 9, 10 and 11
● Programmable Additive Latency: 0, CL-1,CL-2
● Programmable CAS WRITE latency (CWL) based
   on tCK
● Programmable Burst Length: 4 and 8
● Programmable Burst Sequence: Sequential or
   Interleave
● BL switch on the fly
● Auto Self Refresh(ASR)
● Self Refresh Temperature(SRT)
● Refresh Interval:
   7.8 us (8192 cycles/64 ms) Tc= -40°C to 85°C
   3.9 us (8192 cycles/32 ms) Tc= 85°C to 105°C
● Partial Array Self Refresh
● Asynchronous RESET pin
● TDQS (Termination Data Strobe) supported (x8 only)
● OCD (Off-Chip Driver Impedance Adjustment)
● Dynamic ODT (On-Die Termination)
● Driver strength : RZQ/7, RZQ/6 (RZQ = 240  )
● Write Leveling
● Operating temperature:
   Commercial (TC = 0°C to +95°C)
   Industrial (TC = -40°C to +95°C)
   Automotive, A1 (TC = -40°C to +95°C)
   Automotive, A2 (TC = -40°C to +105°C)




Similar Part No. - IS43TR16640A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43TR16640B ISSI-IS43TR16640B Datasheet
3Mb / 88P
Programmable CAS Latency
IS43TR16640BL ISSI-IS43TR16640BL Datasheet
3Mb / 88P
Programmable CAS Latency
IS43TR16640C ISSI-IS43TR16640C Datasheet
4Mb / 89P
128MX8, 64MX16 1Gb DDR3 SDRAM
E 12/27/2024
IS43TR16640C-107MBL ISSI-IS43TR16640C-107MBL Datasheet
4Mb / 89P
128MX8, 64MX16 1Gb DDR3 SDRAM
E 12/27/2024
IS43TR16640C-107MBLI ISSI-IS43TR16640C-107MBLI Datasheet
4Mb / 89P
128MX8, 64MX16 1Gb DDR3 SDRAM
E 12/27/2024
More results


Similar Description - IS43TR16640A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ10EE8BAWA ELPIDA-EBJ10EE8BAWA Datasheet
179Kb / 18P
1GB Unbuffered DDR3 SDRAM DIMM
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
1Gb DDR3 SDRAM
H5TQ1G43BFR HYNIX-H5TQ1G43BFR Datasheet
589Kb / 32P
1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
1Gb DDR3 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
1Gb(64Mx16) DDR2 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
1Gb DDR3 SDRAM
logo
Integrated Silicon Solu...
IS43TR16640ED-15HBLI ISSI-IS43TR16640ED-15HBLI Datasheet
3Mb / 74P
128MX8, 64MX16 1Gb DDR3 SDRAM WITH ECC
logo
Advantech Co., Ltd.
AQD-D31GN13-SX ADVANTECH-AQD-D31GN13-SX Datasheet
544Kb / 12P
240Pin DDR3 1333 UDIMM 1GB Based on 128Mx8
2013-09-24
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com