Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2529Q Datasheet (PDF) - Sony Corporation

CXD2529Q Datasheet PDF - Sony Corporation
Part # CXD2529Q
Download  CXD2529Q Download
File Size   675.93 Kbytes
Page   64 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CD Digital Signal Processor

CXD2529Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD2529Q Datasheet PDF - Sony Corporation

Part # CXD2529Q
Download  CXD2529Q Click to download

File Size   675.93 Kbytes
Page   64 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CD Digital Signal Processor

CXD2529Q Datasheet (HTML) - Sony Corporation


CXD2529Q Product details

Description

The CXD2529Q is a digital signal processor LSI for CD players and is equipped with built-in digital filters, zero detection circuit, 1-bit DAC, and analog low pass filter on a single chip.



Features

Digital Signal Processor (DSP) Block

• Playback mode supporting CAV (Constant Angular Velocity)

   – Frame jitter-free

   – Allows 0.5 to double-speed continuous playback

   – Allows relative rotational velocity readout

   – Supports external spindle control

• Wide capture range mode

   – Spindle rotational velocity following method

   – Supports normal-speed and double-speed playback

• 16K RAM

• EFM data demodulation

• Enhanced EFM frame sync signal protection

• SEC strategy-based error correction

• Subcode demodulation and Sub Q data error detection

• Digital spindle servo

• 16-bit traverse counter

• Asymmetry compensation circuit

• Serial bus-based CPU interface

• Error correction monitor signals, etc. are output from a new CPU interface.

• Servo auto sequencer

• Digital audio interface output

• Digital peak meter



Digital Filter, DAC, Analog Low-Pass Filter Block

• DBB (Digital Bass Boost)

• Supports double-speed playback

• Digital de-emphasis

• Digital attenuation function

• Zero detection function

• 8fs oversampling digital filter

• S/N ratio: 100dB or more (master clock: 384fs typ.) Logical value: 109dB

• THD + N: 0.007% or less (master clock: 384fs typ.)

• Rejection band attenuation: –60dB or more



Applications

  CD players



 




Similar Part No. - CXD2529Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
CD DIGITAL SIGNAL PROCESSOR
CXD2500AQZ SONY-CXD2500AQZ Datasheet
1Mb / 45P
CD DIGITAL SIGNAL PROCESSOR
CXD2500BQ SONY-CXD2500BQ Datasheet
670Kb / 48P
CD Digital Signal Processor
CXD2507AQ SONY-CXD2507AQ Datasheet
375Kb / 38P
CD Digital Signal Processor
CXD2508AQ SONY-CXD2508AQ Datasheet
858Kb / 49P
CD Digital Signal Processor
More results


Similar Description - CXD2529Q

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65821FP MITSUBISHI-M65821FP Datasheet
1Mb / 24P
CD PLAYER DIGITAL SIGNAL PROCESSOR
logo
Sony Corporation
CXD2500AQ SONY-CXD2500AQ Datasheet
1Mb / 45P
CD DIGITAL SIGNAL PROCESSOR
CXD2500BQ SONY-CXD2500BQ Datasheet
670Kb / 48P
CD Digital Signal Processor
CXD2507AQ SONY-CXD2507AQ Datasheet
375Kb / 38P
CD Digital Signal Processor
CXD2508AQ SONY-CXD2508AQ Datasheet
858Kb / 49P
CD Digital Signal Processor
CXD2540Q-2 SONY-CXD2540Q-2 Datasheet
1Mb / 61P
CD DIGITAL SIGNAL PROCESSOR
CXD2589Q SONY-CXD2589Q Datasheet
794Kb / 61P
CD Digital Signal Processor
CXD3009Q SONY-CXD3009Q Datasheet
515Kb / 63P
CD Digital Signal Processor
CXD2510Q SONY-CXD2510Q Datasheet
743Kb / 48P
CD Digital Signal Processor
logo
Mitsubishi Electric Sem...
M50423FP MITSUBISHI-M50423FP Datasheet
638Kb / 21P
CD Player Digital Signal Processor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com