Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2598Q Datasheet (PDF) - Sony Corporation

CXD2598Q Datasheet PDF - Sony Corporation
Part # CXD2598Q
Download  CXD2598Q Download
File Size   1124.27 Kbytes
Page   147 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CD Digital Signal Processor with Built-in Digital Servo and DAC

CXD2598Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD2598Q Datasheet PDF - Sony Corporation

Part # CXD2598Q
Download  CXD2598Q Click to download

File Size   1124.27 Kbytes
Page   147 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CD Digital Signal Processor with Built-in Digital Servo and DAC

CXD2598Q Datasheet (HTML) - Sony Corporation


CXD2598Q Product details

Description

The CXD2598Q is a digital signal processor LSI for CD players. This LSI incorporates a digital servo, digital filter, 1-bit DAC and analog low-pass filter on a single chip.



Features

• All digital signal processing during playback is performed with a single chip

• Highly integrated mounting possible due to a built in RAM



Digital Signal Processor (DSP) Block

• Playback mode supporting CAV (Constant Angular Velocity)

  • Frame jitter free

  • 0.5×to 4×continuous playback possible

  • Allows relative rotational velocity readout

• Wide capture range playback mode

  • Spindle rotational velocity following method

  • Supports normal-speed to 4×speed playback

• Supports variable pitch playback

• The bit clock, which strobes the EFM signal, is generated by the digital PLL.

• EFM data demodulation

• Enhanced EFM frame sync signal protection

• Refined super strategy-based powerful error correction

  C1: double correction, C2: quadruple correction

  Supported during 4×speed playback

• Noise reduction during track jumps

• Auto zero-cross mute

• Subcode demodulation and Sub-Q data error detection

• Digital spindle servo

• 16-bit traverse counter

• Asymmetry correction circuit

• CPU interface on serial bus

• Error correction monitor signal, etc. output from a new CPU interface

• Servo auto sequencer

• Fine search performs track jumps with high accuracy

• Digital audio interface outputs

• Digital level meter, peak meter

• Bilingual compatible

• VCO control mode

• CD TEXT data demodulation



Digital Servo (DSSP) Block

• Microcomputer software-based flexible servo control

• Offset cancel function for servo error signal

• Auto gain control function for servo loop

• E:F balance, focus bias adjustment functions

• Surf jump function supporting micro two-axis

• Tracking filter: 6 stages

  Focus filter: 5 stages



Digital Filter, DAC and Analog Low-Pass Filter Blocks

• DBB (digital bass boost) function

• Digital de-emphasis

• Digital attenuation

• 8fs oversampling digital filter

• Adoption of tertiary ∆∑noise shaper

• S/N: 100dB or more (master clock: 384Fs, typ.)

  Logical value: 109dB

• THD + N: 0.007% or less (master clock: 384Fs, typ.)

• Rejection band attenuation: –60dB or less

• Double-speed playback supported



Applications

CD players




Similar Part No. - CXD2598Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Similar Description - CXD2598Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com