Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2720Q Datasheet (PDF) - Sony Corporation

CXD2720Q Datasheet PDF - Sony Corporation
Part # CXD2720Q
Download  CXD2720Q Download
File Size   612.48 Kbytes
Page   40 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Single-Chip Digital Signal Processor for Karaoke

CXD2720Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD2720Q Datasheet PDF - Sony Corporation

Part # CXD2720Q
Download  CXD2720Q Click to download

File Size   612.48 Kbytes
Page   40 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Single-Chip Digital Signal Processor for Karaoke

CXD2720Q Datasheet (HTML) - Sony Corporation


CXD2720Q Product details

Description
The CXD2720Q is a digital signal processor LSI for Karaoke, suitable for use in LD/CD/CD-G/video CD and the like.
A large capacity DRAM and AD/DA converters are built in, and Karaoke functions such as key control, microphone echo and voice canceling are contained on a single chip.

Features
• 3-channel 1-bit AD converter and decimation filter
    S/N ratio: 88 dB
    THD + N: 0.016%
    Filter pass band ripple: less than ±0.5dB
    Filter stop band attenuation: less than –41dB
    (all characteristics are typical values)
• 2-channel 1-bit DA converter and oversampling filter
    S/N ratio: 98dB
    THD + N: 0.006%
    Filter pass band ripple: less than ±0.2dB
    Filter stop band attenuation: less than –41dB
    (all characteristics are typical values)
• In addition to analog input/output, 2-channel input/2-channel output of digital input/output are provided. The interface also supports a variety of formats.
• 128K-bit DRAM for key control and microphone echo processing

Functions
• Key controller pitch setting can be varied to a maximum of ±1 octave with a precision of 14 bits
• Microphone echo delay time can be varied to a maximum of 185ms (when Fs = 44.1kHz)
• Voice canceller supports settings other than center by the panpot volume
• Voice parametric equalizer
• Voice pitch shifter
• Mixing function to support sound multiplexing software
• Digital de-emphasis function

Applications
    Equipment having Karaoke function, such as LD/CD, compact music center, video games, etc.




Similar Part No. - CXD2720Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q-2 SONY-CXD2720Q-2 Datasheet
531Kb / 47P
Single-Chip Dolby Pro Logic Surround Decoder
More results


Similar Description - CXD2720Q

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65851FP MITSUBISHI-M65851FP Datasheet
168Kb / 36P
SINGLE CHIP KARAOKE PROCESSOR(SOUND PROCDSSOR ICs)
logo
New Japan Radio
NJU25102 NJRC-NJU25102 Datasheet
1Mb / 39P
Digital Karaoke Audio Processor
logo
Sanyo Semicon Device
LC83025E SANYO-LC83025E Datasheet
262Kb / 15P
Digital Signal Processor for Karaoke Products
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
Digital Signal Processor for Karaoke Systems
logo
Sony Corporation
CXD2721Q-1 SONY-CXD2721Q-1 Datasheet
941Kb / 70P
Single-Chip Digital Signal Processor for Karaoke
logo
List of Unclassifed Man...
YSS205B ETC-YSS205B Datasheet
899Kb / 7P
KARAOKE PROCESSOR
logo
Toshiba Semiconductor
TC9447F TOSHIBA-TC9447F Datasheet
635Kb / 44P
Single-Chip Audio Digital Signal Processor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
Single-chip Audio Digital Signal Processor
logo
Renesas Technology Corp
M65851FP RENESAS-M65851FP Datasheet
294Kb / 28P
Single Chip Karaoke Processor
logo
ON Semiconductor
LC786965UW ONSEMI-LC786965UW Datasheet
489Kb / 33P
Single Chip Digital Signal Processor LSI for Compact Disc Players
July 2017 - Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com