Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD3406GA Datasheet (PDF) - Sony Corporation

CXD3406GA Datasheet PDF - Sony Corporation
Part # CXD3406GA
Download  CXD3406GA Download
File Size   384.2 Kbytes
Page   46 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Timing Generator and Signal Processor for Frame Readout CCD Image Sensor

CXD3406GA Datasheet (PDF)

Go To PDF Page Download Datasheet
CXD3406GA Datasheet PDF - Sony Corporation

Part # CXD3406GA
Download  CXD3406GA Click to download

File Size   384.2 Kbytes
Page   46 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Timing Generator and Signal Processor for Frame Readout CCD Image Sensor

CXD3406GA Datasheet (HTML) - Sony Corporation


CXD3406GA Product details

Description

The CXD3406GA is a timing generator and CCD signal processor IC for the ICX252/262 CCD image sensor.



Features

• Timing generator functions

• Horizontal drive frequency 12 to 18MHz

(Base oscillation frequency 24 to 36MHz)

• Supports frame readout/draft (sextuple speed)/ AF (Auto focus drive)

• High-speed/low-speed shutter function

• Horizontal and vertical drivers for CCD image sensor

• CCD signal processor functions

• Correlated double sampling

• Programmable gain amplifier (PGA) allows gain adjustment over a wide range (–6 to +42dB)

• 10-bit A/D converter

• Chip Scale Package (CSP): CSP allows vast reduction in the CCD camera block footprint



Applications

Digital still cameras



Structure

Silicon gate CMOS IC



Applicable CCD Image Sensors

ICX252 (1/1.8", 3240K pixels)

ICX262 (1/1.8", 3240K pixels)




Similar Part No. - CXD3406GA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3400 SONY-CXD3400 Datasheet
84Kb / 8P
6-channel CCD Vertical Clock Driver
CXD3400N SONY-CXD3400N Datasheet
84Kb / 8P
6-channel CCD Vertical Clock Driver
CXD3408 SONY-CXD3408 Datasheet
404Kb / 47P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3408GA SONY-CXD3408GA Datasheet
404Kb / 47P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
More results


Similar Description - CXD3406GA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2497R SONY-CXD2497R Datasheet
387Kb / 35P
Timing Generator for Frame Readout CCD Image Sensor
CXD2498R SONY-CXD2498R Datasheet
554Kb / 51P
Timing Generator for Frame Readout CCD Image Sensor
CXD3408GA SONY-CXD3408GA Datasheet
404Kb / 47P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3410GA SONY-CXD3410GA Datasheet
403Kb / 49P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3605R SONY-CXD3605R Datasheet
344Kb / 36P
Timing Generator for Frame Readout CCD Image Sensor
CXD3619R SONY-CXD3619R Datasheet
37Kb / 2P
Timing Generator for Frame Readout CCD Image Sensor
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3422GA SONY-CXD3422GA Datasheet
525Kb / 54P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3615R SONY-CXD3615R Datasheet
461Kb / 43P
Timing Generator for Frame Readout CCD Image Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com