Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP50R380CE Datasheet (PDF) - Infineon Technologies AG

IPP50R380CE Datasheet PDF - Infineon Technologies AG
Part # IPP50R380CE
Download  IPP50R380CE Download
File Size   1164.99 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 500V CoolMOS??CE Power MOSFET

IPP50R380CE Datasheet (PDF)

Go To PDF Page Download Datasheet
IPP50R380CE Datasheet PDF - Infineon Technologies AG

Part # IPP50R380CE
Download  IPP50R380CE Click to download

File Size   1164.99 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 500V CoolMOS??CE Power MOSFET

IPP50R380CE Datasheet (HTML) - Infineon Technologies AG


IPP50R380CE Product details

500V CoolMOS™ CE Power MOSFET

The CoolMOS™ CE is a new technology platform of Infineon’s market leading high voltage power MOSFETs designed according to the revolutionary superjunction (SJ) principle.
500V CE portfolio provides all benefits of a fast switching SJ MOSFET while not sacrificing ease of use. As the complete CE series, devices achieve extremely low conduction and switching losses and can make switching applications more efficient, more compact, lighter and cooler.

Features
■ Reduced energy stored in output
   capacitance (Eoss)
■ High body diode ruggedness
■ Reduced reverse recovery charge (Qrr)
■ Reduced gate charge (Qg)

Benefits
■ Easy control of switching behavior
■ Improved light load efficiency
   compared to previous CoolMOS™
   generations
■ Cost attractive alternative compared
   to standard MOSFETs
■ Outstanding reliability with proven
   CoolMOS™ quality combined with
   high body diode ruggedness

Applications
■ Consumer
■ Lighting
■ PC Silverbox




Similar Part No. - IPP50R380CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP50R380CE INFINEON-IPP50R380CE Datasheet
2Mb / 17P
500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPP50R380CE INFINEON-IPP50R380CE Datasheet
879Kb / 20P
500V Superjunction MOSFET for Consumer and Lighting Applications
V1.0 April 2012
IPP50R380CE INFINEON-IPP50R380CE Datasheet
1Mb / 14P
500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
IPP50R380CE INFINEON-IPP50R380CE Datasheet
1Mb / 13P
500V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-06-13
logo
Inchange Semiconductor ...
IPP50R380CE ISC-IPP50R380CE Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
More results


Similar Description - IPP50R380CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI50R380CE INFINEON-IPI50R380CE Datasheet
2Mb / 17P
500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPP50R380CE INFINEON-IPP50R380CE Datasheet
2Mb / 17P
500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPA50R280CE INFINEON-IPA50R280CE_15 Datasheet
1Mb / 14P
500V CoolMOS™ CE Power Transistor
Rev. 2.2
IPA50R380CE INFINEON-IPA50R380CE_15 Datasheet
1Mb / 14P
500V CoolMOS™ CE Power Transistor
Rev. 2.2, 2014-06-12
IPA50R500CE INFINEON-IPA50R500CE_15 Datasheet
1Mb / 14P
500V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-06-12
IPA50R650CE INFINEON-IPA50R650CE_15 Datasheet
1Mb / 14P
500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPA50R800CE INFINEON-IPA50R800CE_15 Datasheet
1Mb / 14P
500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPA50R950CE INFINEON-IPA50R950CE_15 Datasheet
1Mb / 14P
500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPP50R380CE INFINEON-IPP50R380CE_15 Datasheet
1Mb / 14P
500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
IPW50R280CE INFINEON-IPW50R280CE Datasheet
2Mb / 15P
500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com