Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDL12G65C5 Datasheet (PDF) - Infineon Technologies AG

IDL12G65C5 Datasheet PDF - Infineon Technologies AG
Part # IDL12G65C5
Download  IDL12G65C5 Download
File Size   417.84 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V SiC thinQ!??Generation 5 diodes

IDL12G65C5 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDL12G65C5 Datasheet PDF - Infineon Technologies AG

Part # IDL12G65C5
Download  IDL12G65C5 Click to download

File Size   417.84 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650V SiC thinQ!??Generation 5 diodes

IDL12G65C5 Datasheet (HTML) - Infineon Technologies AG


IDL12G65C5 Product details

Features
■ V₂ at 650V
Improved Figure of Merit (Q x V)
■ No reverse recovery charge
■ Soft switching reverse
recovery waveform
■ Temperature independent
switching behavior
High operating temperature
(₁175°C)
■ Improved surge capability
■ Pb-free lead plating
☐10 years manufacturing of SIC diodes

Benefits
■ Higher safety margin against
Overvoltage; best match with
CoolMOS™ 650V products
Improved efficiency over all
load conditions
■ Increased efficiency compared to
Silicon Diode alternatives
■ Reduced EMI compared to snappier
Silicon diode reverse recovery
waveform
Highly stable switching performance
Reduced cooling requirements
■ Reduced risks of thermal runaway
■ RoHS compliant
High quality know-how and capacity
in SiC diode manufacture




Similar Part No. - IDL12G65C5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDL12G65C5 INFINEON-IDL12G65C5 Datasheet
726Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL12G65C5 INFINEON-IDL12G65C5_13 Datasheet
726Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
More results


Similar Description - IDL12G65C5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDC06S60C INFINEON-IDC06S60C Datasheet
61Kb / 4P
2nd generation thinQ SiC Schottky Diode
05.04.2006
IDC08S60C INFINEON-IDC08S60C Datasheet
59Kb / 4P
2nd generation thinQ SiC Schottky Diode
27.04.2006
IDB10S60C INFINEON-IDB10S60C Datasheet
575Kb / 7P
2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2009-01-07
IDH06S60C INFINEON-IDH06S60C Datasheet
440Kb / 7P
2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2009-06-02
IDT05S60C INFINEON-IDT05S60C_08 Datasheet
426Kb / 7P
2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-06
IDT10S60C INFINEON-IDT10S60C_08 Datasheet
428Kb / 7P
2nd Generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-09
IDV03S60C INFINEON-IDV03S60C Datasheet
1Mb / 10P
2nd Generation thinQ SiC Schottky Diode
Rev. 2.1, 2010-02-16
IDV04S60C INFINEON-IDV04S60C Datasheet
1Mb / 10P
2nd Generation thinQ! SiC Schottky Diode
Rev. 2.0, 2010-01-08
IDW10G65C5 INFINEON-IDW10G65C5_V01 Datasheet
1Mb / 11P
5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2013-01-15
IDH16G65C5 INFINEON-IDH16G65C5_V01 Datasheet
1Mb / 11P
5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2012-12-10
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com