Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42430 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE42430 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE42430
Download  PE42430 Download
File Size   415.01 Kbytes
Page   11 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description UltraCMOS SP3T Reflective

PE42430 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42430 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE42430
Download  PE42430 Click to download

File Size   415.01 Kbytes
Page   11 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description UltraCMOS SP3T Reflective

PE42430 Datasheet (HTML) - Peregrine Semiconductor Corp.


PE42430 Product details

Product Description
The PE42430 is a HaRP™-enhanced reflective SP3T RF switch developed on the UltraCMOS® process technology. This tiny general purpose switch is ideal for WLAN and bluetooth applications in the 2.4 - 2.5 GHz bands as well as general broadband switching applications. It is comprised of three RF ports and has low insertion loss and high isolation. An on-chip CMOS decode logic facilitates a three-pin CMOS control interface. Unlike competitive solutions, there is no need for blocking capacitors when using the PE42430.

Features
● HaRP™-enhanced UltraCMOS® device
● Low insertion loss
   Typical 0.45 dB @ 1 GHz
   Typical 0.55 dB @ 2.5 GHz
● IIP3: Typical +66 dBm
● P0.1dB Compression: Typical +30 dBm
● Excellent ESD tolerance of 4500V HBM and 250V MM on all ports
● No external VDD required. VDD is derived from switch control inputs
● Package type: 8-lead 1.5 x 1.5 mm DFN




Similar Part No. - PE42430

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42430 PSEMI-PE42430 Datasheet
413Kb / 11P
UltraCMOS SP3T Reflective RF Switch
logo
Peregrine Semiconductor...
PE42430 PEREGRINE-PE42430 Datasheet
413Kb / 11P
UltraCMOS
logo
Peregrine Semiconductor
PE42430MLAB-Z PSEMI-PE42430MLAB-Z Datasheet
483Kb / 11P
UltraCMOS짰 SP3T Reflective RF Switch 100 ??3000 MHz
PE42430 PSEMI-PE42430_14 Datasheet
1,019Kb / 11P
UltraCMOS짰 SP3T Reflective
logo
Peregrine Semiconductor...
PE42430 PEREGRINE-PE42430_15 Datasheet
413Kb / 11P
RF Switch
More results


Similar Description - PE42430

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2002 FILTRONIC-FMS2002 Datasheet
635Kb / 4P
SP3T Reflective pHEMT MMIC Switch
FMS2002QFN FILTRONIC-FMS2002QFN Datasheet
588Kb / 3P
SP3T Reflective pHEMT MMIC Switch
logo
Peregrine Semiconductor
PE42430 PSEMI-PE42430 Datasheet
413Kb / 11P
UltraCMOS SP3T Reflective RF Switch
logo
M/A-COM Technology Solu...
MASW-011032 MA-COM-MASW-011032 Datasheet
215Kb / 5P
Switch, Symmetrical SP3T 100 Watt Reflective
logo
Peregrine Semiconductor
PE42430 PSEMI-PE42430_14 Datasheet
1,019Kb / 11P
UltraCMOS짰 SP3T Reflective
logo
M/A-COM Technology Solu...
MASW011032 MA-COM-MASW011032_15 Datasheet
215Kb / 5P
Switch, Symmetrical SP3T 100 Watt Reflective
logo
TriQuint Semiconductor
TQP4M0011 TRIQUINT-TQP4M0011_15 Datasheet
486Kb / 6P
Low Loss SP3T Reflective Switch
logo
M/A-COM Technology Solu...
MASW-011032 MA-COM-MASW-011032_14 Datasheet
683Kb / 5P
Switch, SP3T 100 Watt Reflective
MASW-011030 MA-COM-MASW-011030 Datasheet
693Kb / 6P
Switch, SP3T 100 Watt Reflective
logo
Custom MMIC Design Serv...
CMD234C4 MMIC-CMD234C4 Datasheet
301Kb / 8P
DC-18 GHz SP3T Non-reflective Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com