Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXG1040TN Datasheet (PDF) - Sony Corporation

CXG1040TN Datasheet PDF - Sony Corporation
Part # CXG1040TN
Download  CXG1040TN Download
File Size   58.82 Kbytes
Page   5 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High Isolation DPDT Switch

CXG1040TN Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1040TN Datasheet PDF - Sony Corporation

Part # CXG1040TN
Download  CXG1040TN Click to download

File Size   58.82 Kbytes
Page   5 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description High Isolation DPDT Switch

CXG1040TN Datasheet (HTML) - Sony Corporation


CXG1040TN Product details

Description
The CXG1040TN is a DPDT (Dual Pole Dual Throw) antenna switch MMIC used in Personal Communication handsets such as PCS.
This IC is designed using the Sony’s GaAs J-FET process and operates with CMOS input.

Features
• CMOS input control
• Insertion loss 0.5 dB (Typ.) at 2.0 GHz
• High isolation 25 dB (Typ.) at 2.0 GHz
• Small Package TSSOP-10pin

Applications
    DPDT switch for digital cellular telephones such as PCS handsets.




Similar Part No. - CXG1040TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1045N SONY-CXG1045N Datasheet
81Kb / 7P
GSM900/1800/1900 SPDT TX/RX Switch
CXG1045N SONY-CXG1045N Datasheet
64Kb / 5P
High Power DPDT Switch for GSM
CXG1047FN SONY-CXG1047FN Datasheet
104Kb / 9P
Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications
More results


Similar Description - CXG1040TN

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
150C2206 DAICO-150C2206 Datasheet
34Kb / 1P
Switch DPDT
logo
Fairchild Semiconductor
FSA2859 FAIRCHILD-FSA2859 Datasheet
852Kb / 10P
Dual-Voltage, 0.8廓 DPDT Analog Switch with Power-Off Isolation
logo
KEC(Korea Electronics)
KUSB50QN KEC-KUSB50QN Datasheet
148Kb / 10P
HIGH-SPEED USB2.0 DPDT SWITCH
logo
SG Micro Corp
SGM44602 SGMICRO-SGM44602 Datasheet
355Kb / 12P
DPDT Analog Switch
logo
Pasternack Enterprises,...
PE71S6110 PASTERNACK-PE71S6110 Datasheet
423Kb / 4P
DPDT Switch
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040_15 Datasheet
525Kb / 5P
GaAs DPDT Switch
logo
Skyworks Solutions Inc.
SKY13598-683LF SKYWORKS-SKY13598-683LF Datasheet
163Kb / 2P
0.4 to 3.8 GHz DPDT Ultra-High Isolation Switch
logo
Mini-Circuits
KSWHA-1-20 MINI-KSWHA-1-20 Datasheet
326Kb / 2P
High Isolation Switch
RSW-2-25PA MINI-RSW-2-25PA Datasheet
289Kb / 5P
High Isolation Switch
ZFSWHA-1-20 MINI-ZFSWHA-1-20 Datasheet
263Kb / 2P
High Isolation Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com