Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M81049SP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M81049SP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M81049SP
Download  M81049SP Download
File Size   116.27 Kbytes
Page   8 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR

M81049SP Datasheet (PDF)

Go To PDF Page Download Datasheet
M81049SP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M81049SP
Download  M81049SP Click to download

File Size   116.27 Kbytes
Page   8 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR

M81049SP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M81049SP Product details

DESCRIPTION
M81049 is octal D-type flip-flop driver by 20-pin package. It has 8 same circuit units which is composed of D-type flip-flop logic circuit and high voltage NchMOS output transistor. M81049 has a common direct clear input and a common clock input.

FEATURES
● Lineup with three packages
● High breakdown voltage (BVDSX ≥ 40V)
● Drain output current (IDS(max) = 200mA)
● With input protection diodes
● Pin assignment of input-output flow through
● Wide operating temperature range (Ta = –40 to +85°C)

APPLICATION
   LED drive




Similar Part No. - M81049SP

ManufacturerPart #DatasheetDescription
logo
YORKVILLE
M810-2 YORKVILLE-M810-2 Datasheet
893Kb / 1P
POWERED MIXER
logo
Mitsubishi Electric Sem...
M81016FP MITSUBISHI-M81016FP Datasheet
110Kb / 8P
OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
M81016FP MITSUBISHI-M81016FP Datasheet
114Kb / 8P
OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
M81016KP MITSUBISHI-M81016KP Datasheet
110Kb / 8P
OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
M81016KP MITSUBISHI-M81016KP Datasheet
114Kb / 8P
OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
More results


Similar Description - M81049SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Oct-1992
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
05-Aug-1997
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Jul-2001
logo
Mitsubishi Electric Sem...
M81016P MITSUBISHI-M81016P Datasheet
110Kb / 8P
OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
12-Nov-2004
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
Octal D-Type Flip-Flop with Clear
logo
Mitsubishi Electric Sem...
M81016P MITSUBISHI-M81016P_09 Datasheet
114Kb / 8P
OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
Octal D-Type Flip-Flop with Clear
2019-01-31
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com