Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXG1081TN Datasheet (PDF) - Sony Corporation

CXG1081TN Datasheet PDF - Sony Corporation
Part # CXG1081TN
Download  CXG1081TN Download
File Size   106.72 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Receiving Dual-Band Mixer

CXG1081TN Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1081TN Datasheet PDF - Sony Corporation

Part # CXG1081TN
Download  CXG1081TN Click to download

File Size   106.72 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Receiving Dual-Band Mixer

CXG1081TN Datasheet (HTML) - Sony Corporation


CXG1081TN Product details

Description
The CXG1081TN is a receiving dual-band mixer
MMIC. This IC is designed using the Sonys GaAs JFET process.

Features
• High conversion gain Gc = 9.5 to 10.0dB (Typ.)
• Low noise figure NF = 4.6 to 4.7dB (Typ.)
• Single 2.7V power supply operation
• Low LO input power operation PLO = –15dBm
• Single CTL pin achieved by the built-in inverter circuit
• 10-pin small package

Applications
    800MHz Japan digital cellular telephones (PDC)




Similar Part No. - CXG1081TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1082EN SONY-CXG1082EN Datasheet
133Kb / 9P
Receive Dual Low Noise Amplifier/Mixer
More results


Similar Description - CXG1081TN

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1190 UMS-CHM1190 Datasheet
89Kb / 6P
K Band Mixer
CHM1193 UMS-CHM1193 Datasheet
87Kb / 6P
K-Band Mixer
CHM2378A UMS-CHM2378A Datasheet
118Kb / 8P
W-band Dual Channel Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
MULTI-MODE DUAL-BAND LNA MIXER
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
logo
Sony Corporation
CXG1034TN SONY-CXG1034TN Datasheet
89Kb / 6P
Receiving Mixer
CXG1050TN SONY-CXG1050TN Datasheet
114Kb / 8P
Receiving Dual-Band Mixer
logo
United Monolithic Semic...
CHM2378A UMS-CHM2378A_06 Datasheet
223Kb / 8P
W-band Dual Channel Mixer
CHM2179B98F UMS-CHM2179B98F_15 Datasheet
640Kb / 8P
W-band Mixer
CHM2378A UMS-CHM2378A_15 Datasheet
147Kb / 8P
W-band Dual Channel Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com