Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXK582000TM-10LL Datasheet (PDF) - Sony Corporation

CXK582000TM-10LL Datasheet PDF - Sony Corporation
Part # CXK582000TM-10LL
Download  CXK582000TM-10LL Download
File Size   205.29 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 262144-word X 8-bit High Speed CMOS Static RAM

CXK582000TM-10LL Datasheet (PDF)

Go To PDF Page Download Datasheet
CXK582000TM-10LL Datasheet PDF - Sony Corporation

Part # CXK582000TM-10LL
Download  CXK582000TM-10LL Click to download

File Size   205.29 Kbytes
Page   11 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 262144-word X 8-bit High Speed CMOS Static RAM

CXK582000TM-10LL Datasheet (HTML) - Sony Corporation


CXK582000TM-10LL Product details

Description

The CXK582000TM/YM/M is a high speed CMOS static RAM organized as 262144-words by 8 bits.

A polysilicon TFT cell technology realized extremely low stand-by current and higher data retention stability.

Special feature are low power consumption and high speed and board package line-up.

The CXK582000TM/YM/M is a suitable RAM for portable equipment with battery back up.



Features

• Fast access time (Access time)

   -85LL 85ns (Max.)

   -10LL 100ns (Max.)

• Low standby current 40µA (Max.)

• Low data retention current 24µA (Max.)

• Single +5V supply: 4.5V to 5.5V.

• Low voltage date retention : 2.0V (Min.)

• Broad package line-up

   CXK582000TM/YM 8mm × 20mm 32 pin

                            TSOP Package

   CXK582000M 525mil 32 pin

                     SOP Package




Similar Part No. - CXK582000TM-10LL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK58256 SONY-CXK58256 Datasheet
285Kb / 7P
32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-10 SONY-CXK58256M-10 Datasheet
285Kb / 7P
32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-10L SONY-CXK58256M-10L Datasheet
285Kb / 7P
32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-12 SONY-CXK58256M-12 Datasheet
285Kb / 7P
32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
CXK58256M-12L SONY-CXK58256M-12L Datasheet
285Kb / 7P
32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
More results


Similar Description - CXK582000TM-10LL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-I MITSUBISHI-M5M5256DFP-70VLL-I Datasheet
43Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L MITSUBISHI-M5M5V208FP-70L Datasheet
76Kb / 7P
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
logo
Sony Corporation
CXK5B41020TM- SONY-CXK5B41020TM- Datasheet
131Kb / 9P
262144-word x 4-bit High Speed Bi-CMOS Static RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70LLIBM RENESAS-M5M5256DFP-70LLIBM Datasheet
184Kb / 10P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256BFP MITSUBISHI-M5M5256BFP Datasheet
311Kb / 5P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com