Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXK5V16100TM Datasheet (PDF) - Sony Corporation

CXK5V16100TM Datasheet PDF - Sony Corporation
Part # CXK5V16100TM
Download  CXK5V16100TM Download
File Size   153.42 Kbytes
Page   10 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 65536-word X 16-bit High Speed CMOS Static RAM

CXK5V16100TM Datasheet (PDF)

Go To PDF Page Download Datasheet
CXK5V16100TM Datasheet PDF - Sony Corporation

Part # CXK5V16100TM
Download  CXK5V16100TM Click to download

File Size   153.42 Kbytes
Page   10 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 65536-word X 16-bit High Speed CMOS Static RAM

CXK5V16100TM Datasheet (HTML) - Sony Corporation


CXK5V16100TM Product details

Description
CXK5V16100TM is a general purpose high speed CMOS static RAM organized as 65536-words by 16-bits. Operating on a single 3.3V supply, this asynchronous IC is suitable for high speed and low power consumption applications where battery back up for nonvolatility is required.

Features
• Extended operating temperature range: –25 to +85°C
• Fast access time: (Access time)
    -85LLX 85ns (max.)
    -10LLX 100ns (max.)
• Low power consumption operation: Standby / DC operation 1.7µW (typ.) / 3.3mW (typ.)
• Single 3.3V supply: 3.3V±0.3V
• Fully static memory: No clock or timing strobe required
• Equal access and cycle time
• Common data input and output: three state output
• Directly LVTTL compatible: All inputs and outputs
• Low voltage data retention: 2.0V (min.)
• 400mil 44pin TSOP (type II) package

Function
    65536-word × 16-bit static RAM




Similar Part No. - CXK5V16100TM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-10LLX SONY-CXK5V81000ATM-10LLX Datasheet
137Kb / 10P
131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-85LLX SONY-CXK5V81000ATM-85LLX Datasheet
137Kb / 10P
131072-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BM SONY-CXK5V8257BM Datasheet
204Kb / 9P
32768-word X 8-bit High Speed CMOS Static RAM
CXK5V8257BM-10LL SONY-CXK5V8257BM-10LL Datasheet
204Kb / 9P
32768-word X 8-bit High Speed CMOS Static RAM
More results


Similar Description - CXK5V16100TM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M564R16DJ-10 MITSUBISHI-M5M564R16DJ-10 Datasheet
90Kb / 7P
1048576-BIT (65536-WORD BY 16-BIT) CMOS STATIC RAM
logo
Sony Corporation
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
65536-word X 8-bit High Speed CMOS Static RAM
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
65536-word X 16-bit High Speed Bi-CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5T16100TM- SONY-CXK5T16100TM- Datasheet
138Kb / 10P
65536-word x 16-bit High Speed CMOS Static RAM
CXK5T8512TM SONY-CXK5T8512TM Datasheet
216Kb / 10P
65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
65536-word X 8-bit High Speed CMOS Static RAM
logo
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
65536-word 쨈 8-bit High Speed CMOS Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com